Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16501ETPVC Datasheet(PDF) 3 Page - Texas Instruments

Part # CY74FCT16501ETPVC
Description  18-Bit Registered Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16501ETPVC Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT16501ETPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
3
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[9]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
Standard
VCC=Max., VI=VCC
±1
µA
Bus Hold
±100
IIL
Input LOW Current
Standard
VCC=Max., VI=GND
±1
µA
Bus Hold
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[10]
VCC=Min.,
VI=2.0V
−50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold In-
put[10]
VCC=Max., VI=1.5V
TBD
mA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[11]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[11]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[12]
±1
µA
Output Drive Characteristics for CY74FCT16501T
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
VCC=Min., IOH=−32 mA
2.0
3.0
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162501T, CY74FCT162H501T
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
IODL
Output LOW Current[11]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[11]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Notes:
8.
Typical values are at VCC= 5.0V, TA= +25˚C ambient.
9.
This parameter is specified but not tested.
10. Pins with bus hold are described in Pin Description.
11. Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
12. Tested at +25˚C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com