Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16501ETPVC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT16501ETPVC
Description  18-Bit Registered Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16501ETPVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT16501ETPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16501ETPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
2
Maximum Ratings[6, 7]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature
.................................... −55°C to +125°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
DC Input Voltage
................................................. −0.5V to +7.0V
DC Output Voltage
.............................................. −0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
........................... −60 to +120 mA
Power Dissipation.......................................................... 1.0W
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Notes:
1.
On the 74FCT162H501T these pins have bus hold.
2.
A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA.
3.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-impedance
= LOW-to-HIGH Transition
4.
Output level before the indicated steady-state input conditions were established.
5.
Output level before the indicated steady-state input conditions were established, provided that CLKAB was HIGH before LEAB went LOW.
6.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range.
7.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input
OEBA
B-to-A Output Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input
LEBA
B-to-A Latch Enable Input
CLKAB
A-to-B Clock Input
CLKBA
B-to-A Clock Input
A
A-to-B Data Inputs or B-to-A Three-State
Outputs[1]
B
B-to-A Data Inputs or A-to-B Three-State
Outputs[1]
Function Table[2, 3]
Inputs
Outputs
OEAB
LEAB
CLKAB
A
B
L
X
X
X
Z
H
H
X
L
L
H
H
X
H
H
H
L
L
L
H
L
H
H
H
L
L
X
B[4]
H
L
H
X
B[5]
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com