Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16501ATPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16501ATPVC
Description  18-Bit Registered Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16501ATPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16501ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16501ATPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
18-Bit Registered Transceivers
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
SCCS057 - August 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
1CY74FCT162H501
T
Features
• FCT-E speed at 3.8 ns
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6 mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16501T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162501T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
CY74FCT162H501T Features:
• Bus hold retains last active state
• Eliminates the need for external pull-up or pull-down
resistors
Functional Description
These 18-bit universal bus transceivers can be operated in
transparent, latched or clock modes by combining D-type
latches and D-type flip-flops. Data flow in each direction is
controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock inputs (CLKAB and CLKBA). For
A-to-B data flow, the device operates in transparent mode
when LEAB is HIGH. When LEAB is LOW, the A data is latched
if CLKAB is held at a HIGH or LOW logic level. If LEAB is LOW,
the A bus data is stored in the latch/flip-flop on the
LOW-to-HIGH transition of CLKAB. OEAB performs the output
enable function on the B port. Data flow from B-to-A is similar
to that of A-to-B and is controlled by OEBA, LEBA, and CLKBA.
The output buffers are designed with a power-off disable
feature to allow live insertion of boards.
The
CY74FCT16501T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
THE CY74FCT162501T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for minimal
undershoot
and
reduced
ground
bounce.
The
CY74FCT162501T is ideal for driving transmission lines.
The CY74FCT162H501T is a 24-mA balanced output part, that
has “bus hold” on the data inputs. The device retains the input’s
last state whenever the input goes to high impedance. This
eliminates the need for pull-up/down resistors and prevents
floating inputs.
GND
Functional Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
OEAB
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
LEAB
A 1
GND
GND
VCC
GND
GND
FCT16501-1
A 2
A 3
A 4
A 5
A 6
A 7
A 8
A 9
GND
25
26
27
28
GND
A 10
A 11
A 12
VCC
A 13
A 14
A 15
A 16
A 17
A 18
OEBA
LEBA
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
CLKAB
B1
GND
B2
B3
VCC
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
B13
B14
B15
VCC
B16
B17
B18
CLKBA
OEAB
CLKBA
LEBA
OEBA
CLKAB
LEAB
C
D
C
D
C
D
A 1
B1
C
D
TO 17 OTHER CHANNELS
FCT16501-2


Similar Part No. - CY74FCT16501ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16501ATPVC TI1-CY74FCT16501ATPVC Datasheet
995Kb / 22P
18-Bit Registered Transceivers
CY74FCT16501ATPVC/PVCT TI1-CY74FCT16501ATPVC/PVCT Datasheet
995Kb / 22P
18-Bit Registered Transceivers
More results

Similar Description - CY74FCT16501ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
18-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
16-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
18-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
16-Bit Registered Transceivers
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
18-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com