Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT2245ATPC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT2245ATPC
Description  8-Bit Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT2245ATPC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT2245ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY74FCT2245T
4
]
Switching Characteristics—Over the Operating Range[12]
Parameter
Description
FCT2245T
FCT2245AT
FCT2245CT
Unit
Fig.
No.[13]
Commercial
Commercial
Commercial
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
An to Bn or Bn to An
1.5
7.0
1.5
4.6
1.5
4.1
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
9.5
1.5
6.2
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
7.5
1.5
5.0
1.5
4.5
ns
1, 7, 8
Ordering Information—FCT2245T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
CY74FCT2245CTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT2245CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
4.6
CY74FCT2245ATPC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY74FCT2245ATQCT
Q5
20-Lead (150-Mil) QSOP
CY74FCT2245ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
7.5
CY74FCT2245TQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT2245TSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com