Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT2245ATPC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT2245ATPC
Description  8-Bit Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT2245ATPC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT2245ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT2245ATPC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8-Bit Transceiver
CY74FCT2245T
SCCS037 - July 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function and pinout compatible with FCT and F logic
• 25
Ω output series resistors to reduce transmission line
reflection noise
• FCT-C speed at 4.1 ns max.
FCT-A speed at 4.6 ns max.
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• Fully compatible with TTL input and output logic levels
• ESD > 2000V
• Sink current
12 mA
Source current
15 mA
• Extended commercial temp. range of –40˚C to +85˚C
• Three-state outputs
Functional Description
The FCT2245T contains eight non-inverting, bidirectional buffers
with three-state outputs intended for bus oriented applications.
On-chip termination resistors have been added to the outputs to
reduce system noise caused by reflections. For this reason, the
FCT2245T can be used in an existing design to replace the
FCT245T. The FCT2245T current sinking capability is 12 mA at the
A and B ports.
The Transmit/Receive (T/R) input determines the direction of data
flow through the bidirectional transceiver. Transmit (Active HIGH)
enables data from A ports to B ports; receive (Active LOW) enables
data from B ports to A ports. The output enable (OE) input, when
HIGH, disables both the A and B ports by putting them in a High Z
condition.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Function Table[1]
Inputs
Output
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
Note:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care.
Logic Block Diagram
Pin Configurations
FCT2245T–1
A0
A1
A2
A3
A4
A5
A6
A7
OE
B0
B1
B2
B3
B4
B5
B6
B7
T/R
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
FCT2245T–3
15
Top View
A0
A1
A2
A3
A4
A5
A6
A7
OE
B0
B1
B2
B3
B4
B5
B6
B7
T/R
GND
DIP/SOIC/QSOP


Similar Part No. - CY74FCT2245ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2245ATPC TI1-CY74FCT2245ATPC Datasheet
1,016Kb / 18P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2245ATPC TI2-CY74FCT2245ATPC Datasheet
825Kb / 19P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED NOVEMBER 2001
CY74FCT2245ATPC.B TI2-CY74FCT2245ATPC.B Datasheet
825Kb / 19P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED NOVEMBER 2001
More results

Similar Description - CY74FCT2245ATPC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
8-bit Futurebus transceiver
1995 May 25
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
8-Bit Registered Transceiver
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
8-Bit Latched Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
8-Bit Registered Transceiver
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
8-BIT TTL/BTL TRANSCEIVER
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
8-Bit Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com