Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9024 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # AS9024
Description  Cooper-Wheelock AS/AH Serles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AS9024 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  AS9024 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 2Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 3Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0572 Rev. C1 page 3 of 4
# SM Sync Module is rated for 3.0 amps @ 24 VDC
## DSM Sync Module is rated for 3.0 amps per circuit.
The maximum number of interconnected
DSM Modules is 20.
SYNC MODULES
MODEL
ORDER
CODE
INPUT
VOLTAGE (VDC)
AVERAGE MEAN
CURRENT@ 24VDC
SM-12/24-R #
6369
24VDC
0.028A
SM-12/24-R ##
6374
24VDC
0.035A
STROBE
NAC
CIRCUIT
RETURN
+ OUT 1
+ IN 1
MINUS 1
+ AUDIBLE
- AUDIBLE
MINUS 2
+ IN 2
+ OUT 2
AS
AS
AS
AS
AS
AS
F
A
C
P
STROBE
NAC
CIRCUIT
AUDIBLE
NAC
CIRCUIT
DSM #1
DSM #2
DSM #3
- SYNC
+ SYNC
AUDIBLE
NAC
CIRCUIT
AUDIBLE
NAC
CIRCUIT
STROBE
NAC
CIRCUIT
STROBE
NAC
CIRCUIT
DSM INTERCONNECTING WIRING SHOWN.
MAXIUMUM OF TWENTY (20) MODULES
WIRING DIAGRAMS
+ SYNC
- SYNC
- SYNC
+ SYNC
AS
AS
AS
AS
AS
AS
STROBE
NAC
CIRCUIT
SM
NAC
CIRCUIT
AUDIBLE
SERIES AS APPLIANCES NON-SYNCHRONIZED
+ -
FROM
PRECEDING
APPLIANCE
OR FACP
TO NEXT
APPLIANCE
OR EOLR
+-
+-
SERIES AS APPLIANCES SYNCHRONIZED
WITH MUTIPLE DSM MODULES
SERIES AS APPLIANCES SYNCHRONIZED
WITH DSM MODULE SINGLE CLASS "A" NAC
CIRCUIT WITH NO AUDIBLE SILENCE FEATURE
F
A
C
P
STROBE
NAC
CIRCUIT
OUT
DSM
+ SYNC
- SYNC
SERIES AS APPLIANCES SYNCHRONIZED
WITH SM MODULE SINGLE CLASS "B" NAC
CIRCUIT WITH AUDIBLE SILENCE FEATURE
F
A
C
P
+ STROBE
- STROBE
+ AUDIBLE
- AUDIBLE
EOLR
AS
AS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com