Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9024 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # AS9024
Description  Cooper-Wheelock AS/AH Serles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AS9024 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  AS9024 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 2Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 3Page - Gamewell-FCI by Honeywell AS9024 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0572 Rev. C1 page 4 of 4
Architects and Engineers Specifications
The notification appliances shall be Cooper-Wheelock Series AS audible/strobe appliances and Series AH audible appliances or
approved equals. The Series AS appliance shall be listed under UL Standard 1971 (Emergency Devices for the Hearing Impaired)
for indoor Fire Protection Service. The Series AH Audible shall be UL Listed under Standard 464 (Fire Protective Signaling). Both
shall meet the requirements of FCC Part 15 Class B. All inputs shall be compatible with standard reverse polarity supervision of
circuit wiring by a fire alarm control panel (FACP).
The audible portion of the appliance shall have a minimum of three (3) field selectable settings for dBA levels and shall have a
choice of continuous or temporal pattern audible output.
The strobe portion of the appliance shall produce a flash rate of one (1) flash per second over the Regulated Voltage Range and
shall incorporate a Xenon flashtube enclosed in a rugged Lexan® lens. The series AS shall be of low current design. Where Multi-
Candela appliances are specified, the strobe intensity shall have a minimum of four (4) field selectable settings and shall be rated
per UL Standard 1971 at: 15, 30, 75, and 110 candela for wall mount, or 15, 30, 75, and 95 candela for ceiling mount. The selector
switch for selecting the candela shall be tamper resistant and not accessible from the front of the appliance. The 15/75 candela
strobe shall be specified when 15 cd UL Standard 1971 Listing with 75 cd on-axis is required (e.g. ADA compliance).
When synchronization is required, the appliance shall be compatible with Cooper-Wheelock’s SM and DSM Sync Modules. The
strobes shall not drift out of synchronization at any time during operation. If the sync module fails to operate, i.e. contacts remain
closed), the strobe shall revert to a non-synchronized flash-rate. The appliance shall also be designed so that the audible signal
may be silenced while maintaining strobe activation.
The Series AS audible/strobe and Series AH audible shall incorporate a patented universal mounting plate that shall allow mount-
ing on a single-gang, double-gang, 4-inch square, 100 mm European type backbox, or the SHBB surface backbox. If required, an
NATP (Notification Appliance Trimplate) shall be provided.
All notification appliances shall be backward compatible.
Specifications
Model
Strobe
Candela
Non-Sync Sync w SM/
or DSM
24
VDC
12
VDC
Wall
Mount
Ceiling
Mount
UL MEA CSFM FM BFP
AS-24MCW-FR
15/30/75/110
X
X
X
-
X
-
X
X
X
X
X
AS-24M CW –FW
15/30/75/110
X
X
X
-
X
-
X
X
X
X
X
AS-241575W - FR
15 (75 on Axis)
X
X
X
-
X
-
X
X
X
X
X
AS-121575W –FR
15 (75 on Axis)
X
X
X
-
X
-
X
X
X
X
X
AS-24MCC –FW
15/30/75/95
X
X
X
-
-
X
X
*
*
*
*
ASW-P-2475W –FR 75 @ -31
° F
X
X
X
-
X
-
X
X
X
X
*
AH –24-R
-
X
X
X
-
X
X
X
X
X
X
X
AH –24W P-R
-
X
X
X
-
X
X
X
X
AH –12W P-R
-
X
X
-
X
X
X
X
X
Ordering Information
Part Number
Description
9024
AS-24MCW-FR
9025
AS-24M CW –FW
7405
AS-241575W - FR
3162
AS-24MCC –FW
7410
AS-121575W –FR
9012
ASW-P-2475W –FR
7892
AH –24-R
7416
AH –24W P-R
7415
AH –12W P-R
7891
AH –12-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com