Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F16-100VIP Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN25F16-100VIP
Description  16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F16-100VIP Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN25F16-100VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 35Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
35
EN25F16
Rev. C, Issue Date: 2008/06/23
Revisions List
Revision No Description
Date
A
Preliminary draft
2007/05/02
B
1. Correct the extra OTP sector from 256 bytes to 512 bytes in
page 1 and 22.
2. Correct the OTP sector is mapping to sector from 255 to 511
in page 22.
3. Update the Table 6. Status Register Bit Locations in page 12.
4. Modify the Figure 17 in page 20 for the starting point of tRES2
5. Modify the Figure 18 in page 21
(1) revise the manufacture ID to 1Ch
(2) the number of clock count to cover the manufacture ID
should be 31 to 38 and the last clock to clock out device ID is
46.
6. Modify the Figure 19 in page 22, the clock count to cover the
device ID should be from 15 to 31
7. Change Table 10. 100MHz AC Characteristics tCLQV from 6 ns
to 8 ns in page 25
2008/03/10
C
Remove C grade option of temperature range in page 1 and
page 34
2008/06/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com