Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F16-100VIP Datasheet(PDF) 12 Page - Eon Silicon Solution Inc.

Part # EN25F16-100VIP
Description  16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F16-100VIP Datasheet(HTML) 12 Page - Eon Silicon Solution Inc.

Back Button EN25F16-100VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
12
EN25F16
Rev. C, Issue Date: 2008/06/23
Figure 6. Write Disable Instruction Sequence Diagram
Read Status Register (RDSR) (05h)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status
Register may be read at any time, even while a Program, Erase or Write Status Register cycle is in
progress. When one of these cycles is in progress, it is recommended to check the Write In
Progress (WIP) bit before sending a new instruction to the device. It is also possible to read the
Status Register continuously, as shown in Figure 7.
Figure 7. Read Status Register Instruction Sequence Diagram
Table 6. Status Register Bit Locations
S7
S6
S5
S4
S3
S2
S1
S0
SRP
0
0
BP2
BP1
BP0
WEL
WIP
Note : In OTP mode, SRP bit is served as OTP_LOCK bit.
Status Register Protect
Reserved Bits
Block Protect Bits
Write Enable Latch
Write In Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com