Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF6016 Datasheet(PDF) 49 Page - Altera Corporation

Part # EPF6016
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF6016 Datasheet(HTML) 49 Page - Altera Corporation

Back Button EPF6016 Datasheet HTML 44Page - Altera Corporation EPF6016 Datasheet HTML 45Page - Altera Corporation EPF6016 Datasheet HTML 46Page - Altera Corporation EPF6016 Datasheet HTML 47Page - Altera Corporation EPF6016 Datasheet HTML 48Page - Altera Corporation EPF6016 Datasheet HTML 49Page - Altera Corporation EPF6016 Datasheet HTML 50Page - Altera Corporation EPF6016 Datasheet HTML 51Page - Altera Corporation EPF6016 Datasheet HTML 52Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Altera Corporation
49
FLEX 6000 Programmable Logic Device Family Data Sheet
Figure 20. ICCACTIVE vs. Operating Frequency
Device
Configuration &
Operation
The FLEX 6000 architecture supports several configuration schemes to
load a design into the device(s) on the circuit board. This section
summarizes the device operating modes and available device
configuration schemes.
f
See Application Note 116 (Configuring APEX 20K, FLEX 10K & FLEX 6000
Devices) for detailed information on configuring FLEX 6000 devices,
including sample schematics, timing diagrams, configuration options,
pins names, and timing parameters.
Frequency (MHz)
EPF6010A
EPF6024A
0
Frequency (MHz)
50
100
200
250
150
100
50
EPF6016A
0
Frequency (MHz)
50
100
400
300
200
100
0
50
100
200
150
100
50
EPF6016
0
Frequency (MHz)
30
60
800
1000
600
400
200
ICC Supply
Current
(mA)
ICC Supply
Current
(mA)
ICC Supply
Current
(mA)
ICC Supply
Current
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com