Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKS604Y/F Datasheet(PDF) 7 Page - FERYSTER Inductive Components Manufacturer

Part # PKS604Y/F
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PKS604Y/F Datasheet(HTML) 7 Page - FERYSTER Inductive Components Manufacturer

Back Button PKS604Y/F Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 10Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 11Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PKS603-607
Rev. I 02/07
7
Figure 13. Normal Power Down Timing (Without UV).
Figure 14. Slow Power Down Timing With Optional External
(4 MW) UV Resistor Connected to EN/UV Pin.
Figure 12. PeakSwitch Power Up Without Optional External UV
Resistor Connected to EN/UV Pin.
Atmaximumpeakload,PeakSwitchwillconductduringnearly
allofitsclockcycles(Figure7).Attheratedcontinuousload,
itwill“skip”additionalcyclesinordertomaintainvoltage
regulationatthepowersupplyoutput(Figure8).Atmedium
loads, cycles will be skipped and the current limit will be
reduced(Figure9).Atverylightloads,thecurrentlimitwill
bereducedevenfurther(Figure10).Onlyasmallpercentage
ofcycleswilloccurtosatisfytheinternalpowerconsumption
ofthepowersupplyatno-load.
The response time of the ON/OFF control scheme is very
fast compared to normal PWM control.This provides
tightregulationandexcellenttransientresponse.
0
2.5
5
Time (s)
0
100
200
400
300
0
100
200
V
DC-INPUT
V
DRAIN
Power Up/Down
The PeakSwitch requires only a 0.33 µF capacitor on the
BYPASSpin.Becauseofitssmallsize,thetimetochargethis
capacitoriskepttoanabsoluteminimum,typicallylessthan
1.5ms.DuetothefastnatureoftheON/OFFfeedback,there
isnoovershootatthepowersupplyoutput.Whenanexternal
resistorisconnectedfromthepositiveDCinputtotheEN/UV
pin,thepowerMOSFETswitchingwillbedelayedduringpower
upuntiltheDClinevoltageexceedsthethreshold(100V).
Figures11and12showthepoweruptimingwaveformin
applications with and without an external resistor (4 MW)
connectedtotheEN/UVpin.
Duringpowerdown,whenanexternalresistorisused,the
powerMOSFETwillswitchfor30msaftertheoutputloses
regulation.ThepowerMOSFETwillthenremainoffwithout
anyglitchessincetheunder-voltagefunctionprohibitsrestart
whenthelinevoltageislow.
Figure13illustratesatypicalpower-downtimingwaveform.
Figure14illustratesaveryslowpower-downtimingwaveform
asinstandbyapplications.Anexternalresistorisconnectedto
theEN/UVpininthiscasetopreventunwantedrestarts.
Current Limit Operation
EachswitchingcycleisterminatedwhentheDRAIN current
reachesthecurrentlimitofthePeakSwitch.Currentlimit
operationprovidesgoodlineripplerejection.
BYPASS Pin Capacitor
TheBYPASSpinusesasmall0.33uFceramiccapacitorfor
decouplingtheinternalpowersupply.
0
.5
1
Time (s)
0
100
200
300
0
100
200
400
V
DC-INPUT
V
DRAIN
Modifyingcurrentschematic
0
5
10
Time (ms)
0
100
200
0
300
5
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com