Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKS604Y/F Datasheet(PDF) 16 Page - FERYSTER Inductive Components Manufacturer

Part # PKS604Y/F
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PKS604Y/F Datasheet(HTML) 16 Page - FERYSTER Inductive Components Manufacturer

Back Button PKS604Y/F Datasheet HTML 12Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 13Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 14Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 15Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 16Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 17Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 18Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 19Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 20Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
PKS603-607
Rev. I 02/07
16
NOTES:
A. Total current consumption is the sum of I
S1 and IDSS when EN/UV pin is shorted to ground (MOSFET not
switching) and the sum of I
S2 and IDSS when EN/UV pin is open (MOSFET switching).
B. Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the
DRAIN. An alternative is to measure the BYPASS pin current at 6.1 V.
C. See Typical Performance Characteristics section for BYPASS pin startup charging waveform.
D. BYPASS pin is externally supplied (bias winding).
E. For current limit at other di/dt values, refer to Figure 25.
F. This parameter is derived from characterization.
G. This parameter is derived from the change in current limit measured at 1X and 4X of the di/dt shown in the I
LIMIT
specification.
H. I
DSS1 is the worst case OFF state leakage specification at 80% of BVDSS and maximum operating junction
temperature. I
DSS2 is a typical specification under worst case application conditions (rectified 265 VAC) for no-load
consumption calculations.
I. Breakdown voltage may be checked against minimum BV
DSS specification by ramping the DRAIN pin voltage up
to but not exceeding minimum BV
DSS.
J. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to
frequency). Auto-restart on time is extended during startup and certain fault conditions because the controller
reduces its oscillator clock frequency to prevent excessive drain currents. If excessive drain currents are still
occuring half way through the auto-restart on time, output MOSFET switching is disabled for the remainder of that
auto-restart on time episode (if the line is not sensed) or the supply latches off (if the line is sensed and adequate
line voltage is present).
K. Only applicable if no UV resistor is present at the EN/UV pin. 5 s applies only if the preceding switching auto-
restart event did not result in EN/UV pin going low. In that event, the first auto-restart off-time is 150 ms.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 18
(Unless Otherwise Specified)
Min
Typ
Max
Units
OUTPUT (cont.)
Auto-Restart
ON Time
t
AR
T
J = 25 °C
See Note J
30
ms
Auto-Restart
OFF Time
t
AROFF
See Note K
5
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com