Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCC-CPR Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # OCC-CPR
Description  OCC - Optical Cross Connect
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OCC-CPR Datasheet(HTML) 2 Page - MRV Communications, Inc.

  OCC-CPR Datasheet HTML 1Page - MRV Communications, Inc. OCC-CPR Datasheet HTML 2Page - MRV Communications, Inc. OCC-CPR Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Physical Specifications
Operating Temperature
-5°C to 50°C (23°F to 122°F)
Storage Temperature
-40°C to 70°C (-40°F to 158°F)
Operating Humidity
5% to 90%, non-condensing
Storage Humidity
5% to 95%, non-condensing
Input Voltage
-42V to -57V DC
Input Current
4A continuous, max.
In-rush Current
7A for 8 ms
Power Dissipation
470 mW per connection (fully-loaded chassis)
Physical Dimensions
752 mm high x 445 mm wide x 318 mm deep (29.6”H x 17.5”W x 12.5”D)
Weight
40 kg (88 lbs)
Shipping Weight
75 kg (165 lbs)
Regulatory Compliances
UL 60950, EN 60950-1, CSA 69950; FCC Part 15 (Class A), GR-1089-CORE, EN 55022 (Class
A), EN 55024;
GR-63-CORE, EN 300019; CFR Title 21 Part 1040 Class 1; ANSI T1.315-2001
Reliability
MTBF > 12 years
Serviceability
Hot-swappable field-replaceable units (FRU)
Indicators
Standard telco alarms
The OCC is scalable to 640 optical terminations or
320 bi-directional ports per system. Ports are added
in increments of 8 using the 8-Port Driver card.
The system includes test ports used to share test
equipment within the system. Optionally, the OCC is
available with a multi-channel power monitor (MCPM)
that monitors the optical input power and adjusts for
minimum optical signal loss.
Administration, configuration, and mappings are
easily performed using the web-based management
graphical user interface (GUI) or an industry-
standard TL-1 interface that easily integrates into
scripting scenarios. These interfaces are accessible
either through the RS-232 serial local console port or
through the RJ-45 Ethernet port using SSH or telnet
protocol.
•-More tests performed with less equipment and
personnel
•-Decreased
capital
expenditures
by
sharing
expensive equipment
•-Minimal test set up, retests, and testing errors
•-Accelerated product time to market
The center of OCC architecture is a three dimensional
Micro-Electro-Mechanical
(3D-MEMS)
switching
matrix. This technology allows transparent switching
of single-mode fiber connections in less than 20 ms
with a typical insertion loss of 2.0 dB, and it makes
the OCC ideal for maintaining optical attributes
when testing:
•-High density 10 Gbps applications
•-40 Gbps protocols
•-Non-standard protocols
•-WDM
applications
with
parallel
wavelength
switching
•-Burst mode signals as in PON applications
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com