Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCC-CPR Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # OCC-CPR
Description  OCC - Optical Cross Connect
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OCC-CPR Datasheet(HTML) 3 Page - MRV Communications, Inc.

  OCC-CPR Datasheet HTML 1Page - MRV Communications, Inc. OCC-CPR Datasheet HTML 2Page - MRV Communications, Inc. OCC-CPR Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-MCC-OCC-061608
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
3020041-001 Rev. A1
Ordering Information
CHASSIS
OCC-A-320-N
OCC Chassis (ANSI) with 320x320 port matrix, LC connectors, dual DC power supplies, output power monitoring
OCC-A-320-P
OCC Chassis (ANSI) with 320x320 port matrix, LC connectors, dual DC power supplies input and output power
monitoring
OCC-E-320-N
OCC Chassis (ETSI) with 320x320 port matrix, LC connectors, dual DC power supplies, output power monitoring
OCC-E-320-P
OCC Chassis (ETSI) with 320x320 port matrix, LC connectors, dual DC power supplies input and output power
monitoring
ACCESSORIES (CHASSIS INDEPENDENT)
OCC-SPC8
8-port driver card
OCC-CPR
Configuration Processor
Optical Specifications (O and C bands)
Fiber type
Single-mode
Configuration time
< 20 ms
PDL
< 0.3 dB
PMD
< 10 fs
Chromatic dispersion (@1550 nm), EoL
< 0.25 ps/nm
Static crosstalk
< -65 dB
Path stability
< 0.2 dB
Repeatability
±0.25 dB
Input Dynamic range
+5 dBm to -20 dBm (customizable)
Switching cycles
10-9
Insertion loss (EoL)
Minimum: 1.3 dB; Typical: 2.0 dB; Maximum: 3.0 dB
Return loss (EoL)
Typical: 40 dB; Maximum: 35 dB
For more information on MRV’s test automation products, please visit www.mrv.com/tap .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com