Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2158 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2158 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 21Page - NXP Semiconductors LPC2158 Datasheet HTML 22Page - NXP Semiconductors LPC2158 Datasheet HTML 23Page - NXP Semiconductors LPC2158 Datasheet HTML 24Page - NXP Semiconductors LPC2158 Datasheet HTML 25Page - NXP Semiconductors LPC2158 Datasheet HTML 26Page - NXP Semiconductors LPC2158 Datasheet HTML 27Page - NXP Semiconductors LPC2158 Datasheet HTML 28Page - NXP Semiconductors LPC2158 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
25 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
6.19.4 Brownout detector
The LPC2157/2158 include 2-stage monitoring of the voltage on the VDD pins. If this
voltage falls below 2.9 V, the BOD asserts an interrupt signal to the VIC. This signal can
be enabled for interrupt; if not, software can monitor the signal by reading dedicated
register.
The second stage of low voltage detection asserts reset to inactivate the LPC2157/2158
when the voltage on the VDD pins falls below 2.6 V. This reset prevents alteration of the
flash as operation of the various elements of the chip would otherwise become unreliable
due to low voltage. The BOD circuit maintains this reset down below 1 V, at which point
the POR circuitry maintains the overall reset.
Both the 2.9 V and 2.6 V thresholds include some hysteresis. In normal operation, this
hysteresis allows the 2.9 V detection to reliably interrupt, or a regularly-executed event
loop to sense the condition.
6.19.5 Code security
This feature of the LPC2157/2158 allow an application to control whether it can be
debugged or protected from observation.
If after reset on-chip bootloader detects a valid checksum in flash and reads 0x8765 4321
from address 0x1FC in flash, debugging will be disabled and thus the code in flash will be
protected from observation. Once debugging is disabled, it can be enabled only by
performing a full chip erase using the ISP.
6.19.6 External interrupt inputs
The LPC2157/2158 include up to nine edge or level sensitive external interrupt inputs as
selectable pin functions. When the pins are combined, external events can be processed
as four independent interrupt signals. The external interrupt inputs can optionally be used
to wake-up the processor from Power-down mode.
Additionally capture input pins can also be used as external interrupts without the option
to wake the device up from Power-down mode.
6.19.7 Memory mapping control
The Memory Mapping Control alters the mapping of the interrupt vectors that appear
beginning at address 0x0000 0000. Vectors may be mapped to the bottom of the on-chip
flash memory, or to the on-chip static RAM. This allows code running in different memory
spaces to have control of the interrupts.
6.19.8 Power control
The LPC2157/2158 supports two reduced power modes: Idle mode and Power-down
mode.
In Idle mode, execution of instructions is suspended until either a reset or interrupt occurs.
Peripheral functions continue operation during Idle mode and may generate interrupts to
cause the processor to resume execution. Idle mode eliminates power used by the
processor itself, memory systems and related controllers, and internal buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com