Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2158 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2158 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 23Page - NXP Semiconductors LPC2158 Datasheet HTML 24Page - NXP Semiconductors LPC2158 Datasheet HTML 25Page - NXP Semiconductors LPC2158 Datasheet HTML 26Page - NXP Semiconductors LPC2158 Datasheet HTML 27Page - NXP Semiconductors LPC2158 Datasheet HTML 28Page - NXP Semiconductors LPC2158 Datasheet HTML 29Page - NXP Semiconductors LPC2158 Datasheet HTML 30Page - NXP Semiconductors LPC2158 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
27 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
The JTAG clock (TCK) must be slower than 1
⁄
6 of the CPU clock (CCLK) for the JTAG
interface to operate.
6.20.2 RealMonitor
RealMonitor is a configurable software module, developed by ARM Inc., which enables
real-time debug. It is a lightweight debug monitor that runs in the background while users
debug their foreground application. It communicates with the host using the DCC, which is
present in the EmbeddedICE logic. The LPC2157/2158 contain a specific configuration of
RealMonitor software programmed into the on-chip flash memory.
6.21 LCD driver
6.21.1 General description
The LCD segment driver in the LPC2157/2158 can interface to most LCDs using low
multiplex rates. It generates the drive signals for static or multiplexed LCDs containing up
to four backplanes and up to 32 segments. The LCD controller communicates to a host
using the I2C-bus. The I2C-bus clock and data signals for both the microcontroller and the
LCD driver are available on the LPC2157/2158 providing system flexibility.
Communication overhead to manage the display is minimized by an on-chip display RAM
with auto-increment addressing, hardware subaddressing, and display memory switching
(static and duplex drive modes). Please refer to PCF8576D data sheet for electrical data.
6.21.2 Functional description
The LCD controller is a versatile peripheral device designed to interface microcontrollers
to a wide variety of LCDs. It can directly drive any static or multiplexed LCD containing up
to four backplanes and up to 32 segments. The display configurations possible with the
LCD controller depend on the number of active backplane outputs required. A selection of
display configurations is shown in Table 4. All of these configurations can be implemented
in a typical system.
The microcontroller communicates to the LCD controller using the I2C-bus.The
appropriate biasing voltages for the multiplexed LCD waveforms are generated internally.
The only other connections required to complete the system are to the power supplies
(VDD(LCD), VSS and VLCD) and the LCD panel chosen for the application.
6.21.3 LCD bias voltages
LCD biasing voltages are obtained from an internal voltage divider consisting of three
series resistors connected between VLCD and VSS. The LCD voltage can be temperature
compensated externally via the supply to pin VLCD. A voltage selector drives the
multiplexing of the LCD based on programmable configurations.
Table 4.
Selection of display configurations
Number of
7-segments numeric
14-segments alphanumeric
Dot matrix
Backplanes
Segments
Digits
Indicator
symbols
Characters
Indicator
symbols
4
128
16
16
8
16
128
3
9612126
12
96
264
884864
132
442432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com