Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR102B150CU Datasheet(PDF) 2 Page - C&D Technologies

Part # VR102B150CU
Description  DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CU Datasheet(HTML) 2 Page - C&D Technologies

  VR102B150CU Datasheet HTML 1Page - C&D Technologies VR102B150CU Datasheet HTML 2Page - C&D Technologies VR102B150CU Datasheet HTML 3Page - C&D Technologies VR102B150CU Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
VR102B150CU_084-20882-04_RevB_Nov12-2004.fm
2 of 4
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
Turn-on Time
Vin present: Enable to 90% Vout
50
mS
Transient Response (3)
100A step, 100A/µS,
ΔVo, Adjustable
81
135
mV
Remote Sense Compensation Range
(4)
300
mV
Recommended Bulk Output
Capacitance for 10.1 Applications
UCC 4PS560MH11 or equivalent
14
EA
Recommended Bulk Output
Capacitance for 10.2 Applications
UCC 4PS560MH11 or equivalent
16
EA
Table 3:
Protection Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Output Overcurrent Shutdown
Latching
155
210
A
Overvoltage Shutdown
Latching, Above VID
90
200
mV
Overtemperature Indicator
Non-Latching, at hot spots
Worst case junction temperature
125
°C
Load Indicator
VID = 1.325, 0 A Load, LL1 = 1
VID = 1.325, 100 A Load, LL1 = 1
VID = 1.325, 0A Load, LL1 = 0
VID = 1.325, 100A Load, LL1 = 0
1
3
1
3.75
V
Table 4:
General Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
0
60
°C
Semiconductor Junction Temperature
Package rated to 150°C
115
°C
Material Flammability
UL 94V-0
MTBF
Calculated (RAC PRISM) 45°C
0.93
x106 Hrs
Demonstrated
x106 Hrs
Switching Frequency
Per phase
300
KHz
Dimensions
3.8”L x 1.18”H x 1.0”W
Weight
59
g
Table 5:
Adaptive Voltage Positioning
Notes and Conditions (1)
Min
Typ
Max
Units
Voltage Droop for 100A Load (linear)
LL0 = X, LL1 = 0
LL0 = X, LL1 = 1
125
91
mV
Table 2:
Output Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com