Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR102B150CU Datasheet(PDF) 3 Page - C&D Technologies

Part # VR102B150CU
Description  DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CU Datasheet(HTML) 3 Page - C&D Technologies

  VR102B150CU Datasheet HTML 1Page - C&D Technologies VR102B150CU Datasheet HTML 2Page - C&D Technologies VR102B150CU Datasheet HTML 3Page - C&D Technologies VR102B150CU Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
VR102B150CU_084-20882-04_RevB_Nov12-2004.fm
3 of 4
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
Notes:
1.
Vin = 12Vdc, Ta = 25°C, Airflow = 400LFM unless otherwise noted.
2.
Output Ripple Voltage is specified when measured with Intel specified capacitance at the output of the converter.
3.
Transient response is specified with Intel specified capacitors at the output of the converter.
4.
If remote sense is not required or used, the Sense(+) and Sense(-) pins must be connected to Vo(+) and Vo(-) respectively.
5.
User will select the appropriate Load Line through the LL0 and LL1 signals. LL0 and LL1 signals are TTL compatible. The
default state is a 1.25mOhm Load Line.
6.
VRM_PRES and VRM_ID are connected to Vss on the VRM.
Mechanical Information
Figure 1
Recommended Interface Connector Options
Tyco/Elcon
283-0172-01303 (Solder Tail, Long)
283-0172-02303 (Solder Tail, Short)
284-0202-03003 (Surface Mount)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com