Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS146 Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS146 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
4/19
1.2
Package Pin Assignment
Table 2: Pin list
Package
pin number
Name
Direction
Type
Description
1
CH0
IN
Analog
Analog Input Channel 0
2
CH1
IN
Analog
Analog Input Channel 1
3
CH2
IN
Analog
Analog Input Channel 2
4
CH3
IN
Analog
Analog Input Channel 3
5
CH4
IN
Analog
Analog Input Channel 4
6
CH5
IN
Analog
Analog Input Channel 5
7
CH6
IN
Analog
Analog Input Channel 6
8
CH7
IN
Analog
Analog Input Channel 7
9
COM
IN
Analog
Negative input reference (IN-) for analog inputs in Single-
Ended Mode
10
nSHDN
IN
Analog
Active Low Shutdown
11
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
12
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier /
Not connected at ZADCS147
13
AGND
SUPPLY
Analog Ground
14
DGND
SUPPLY
Digital Ground
15
DOUT
OUT
CMOS Digital
Serial Data Output
16
SSTRB
OUT
CMOS Digital
Serial Strobe Output
17
DIN
IN
CMOS Digital
Serial Data Input
18
nCS
IN
CMOS Digital
Active Low Chip Select
19
SCLK
IN
CMOS Digital
Serial Clock Input
20
VDD
SUPPLY
Positive Supply Voltage
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
nSHDN
VDD
SCLK
nCS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ / n.c. for ZADCS147
VREF
Figure 1: Package Pin Assignment for ZADCS146 & ZADCS147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com