Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS146 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS146 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
1/19
ZADCS146/ZADCS147
12-Bit, 200ksps, 8-Channel, Serial Output ADC
Datasheet
Features
·
Single Supply Operation:
+ 2.7V … + 5.25V
·
8-Channel Single-Ended or
4-Channel Differential Inputs
·
Up to 200ksps Conversion Rate
·
± 1 LSB INL and DNL
·
No Missing Codes
·
True fully differential Operation
·
Software-Configurable Unipolar or
Bipolar output coding
·
Internal 3.2MHz oscillator for independent
operation from external clock
·
Internal 2.5V Reference
·
Low Power
-
< 1.2mA (200ksps, 5V supply)
-
< 0.5μA (power-down mode)
·
SPI
TM / QSPITM / MICROWIRETM - compatible
4-Wire Serial Interface
·
20-Pin SSOP
·
Alternate Source for MAX146 / MAX147
Applications
·
Data Acquisition
·
Industrial Process Control
·
Portable Data Logging
·
Battery-Powered Systems
Functional Block Diagram
Description
ZADCS146 and ZADCS147 are low power, 12-bit, succes-
sive approximation analog-to-digital (A/D) converters with
up to 200ksps conversion rate, 8-channel input multi-
plexer, high-bandwidth track/hold and synchronous serial
interface.
The ADC operates from a single + 2.7V to + 5.25V supply.
Its analog inputs are software configurable for unipo-
lar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
(QSPI™ and MICROWIRE™) devices without external
logic.
Both devices can use either the external serial-interface
clock or an internal clock to perform successive-
approximation analog-to-digital conversions. The internal
clock can be used to run independent conversions on
more than one device in parallel.
The ZADC146 is equipped with a highly accurate internal
2.5V reference with an additional external ±1.5% voltage
adjustment range.
ZADCS146 / ZADCS147 provide a hard-wired shut-down
pin (nSHDN) pin and software-selectable power-down
modes that can be programmed to automatically shut
down the IC at the end of a conversion. Accessing the
serial interface automatically powers up the IC. A quick
turn-on time allows the device to be shut down between all
conversions.
8-Channel
Analog
Input
Multiplexer
DAC with
inherent
T&H
SAR
Serial
Interface
and
Control
State
Machine
+ 1.25V
Reference
Internal
3.2 MHz
Oscillator
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFADJ
VREF
AGND
DGND
VDD
nSHDN
SSTRB
DOUT
DIN
SCLK
nCS
+
-
Comparator
x 2.000
Available in ZADCS146 only
IN+
IN-
Starterkit
available


Similar Part No. - ZADCS146

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146 Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
ZADCS146VIS20T ETC2-ZADCS146VIS20T Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
More results

Similar Description - ZADCS146

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
12-/16-Bit, 8-Channel 200ksps ADCs
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com