Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS1222 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1222
Description  12-Bit, 200ksps, Serial Output ADC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1222 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS1222 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
1/21
ZADCS1282/1242/1222
12-Bit, 200ksps, Serial Output ADC Family
Datasheet
Features
·
Single Supply Operation:
+ 2.7V … + 5.25V
·
Family approach providing
2 / 4 / 8-Channel Single-Ended or
1 / 2 / 4-Channel Differential Inputs
·
Up to 200ksps Conversion Rate
·
± 1 LSB INL and DNL
·
No Missing Codes
·
> 70 dB SINAD
·
True fully differential Operation
·
Software-Configurable Unipolar or
Bipolar output coding
·
Internal 3.2MHz oscillator for independent
operation from external clock
·
Internal 2.5V Reference
·
Low Power
-
< 1.2mA (200ksps, 5V supply)
-
< 0.5μA (power-down mode)
·
SPI
TM / QSPITM / MICROWIRETM - compatible
4-Wire Serial Interface
·
14 / 16 / 20-Pin SSOP
Applications
·
Data Acquisition
·
Industrial Process Control
·
Portable Data Logging
·
Battery-Powered Systems
Functional Block Diagram
Description
The ZADCS12x2 family is a set of low power, 12-bit, suc-
cessive approximation analog-to-digital (A/D) converters
with up to 200ksps conversion rate, two up to eight input
channels, high-bandwidth track/hold and synchronous
serial interface.
The ADCs operate from a single + 2.7V to + 5.25V supply.
Their analog inputs are software configurable for unipo-
lar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
(QSPI™ and MICROWIRE™) devices without external
logic.
All family devices can use either the external serial-
interface clock or an internal clock to perform successive-
approximation analog-to-digital conversions. The internal
clock can be used to run independent conversions on
more than one device in parallel.
The ZADCS12x2V versions are equipped with a highly
accurate internal 2.5V reference with an additional external
±1.5% voltage adjustment range.
All members of the ZADCS12x2 family provide a hard-
wired shut-down pin (nSHDN) pin and software-selectable
power-down modes that can be programmed to automati-
cally shut down the IC at the end of a conversion. Access-
ing the serial interface automatically powers up the IC. A
quick turn-on time allows the device to be shut down be-
tween all conversions.
8-Channel
Analog
Input
Multiplexer
DAC with
inherent
T&H
SAR
Serial
Interface
and
Control
State
Machine
+ 1.25V
Reference
Internal
3.2 MHz
Oscillator
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFADJ
VREF
AGND
DGND
VDD
nSHDN
SSTRB
DOUT
DIN
SCLK
nCS
+
-
Comparator
x 2.000
Available in ZADCS12x2V versions
IN+
IN-
Available in
ZADCS1242
Available in
ZADCS1282
Available in
ZADCS1222
Starterkit
available


Similar Part No. - ZADCS1222

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS1022 ZMD-ZADCS1022 Datasheet
516Kb / 20P
10-Bit, 250ksps, Serial Output ADC Family
logo
List of Unclassifed Man...
ZADCS1022 ETC2-ZADCS1022 Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
ZADCS1022IS14T ETC2-ZADCS1022IS14T Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
ZADCS1022VIS14T ETC2-ZADCS1022VIS14T Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS1042 ZMD-ZADCS1042 Datasheet
516Kb / 20P
10-Bit, 250ksps, Serial Output ADC Family
More results

Similar Description - ZADCS1222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
8-Bit, 300ksps, Serial Output ADC Family
ZADCS1082 ZMD-ZADCS1082 Datasheet
516Kb / 20P
10-Bit, 250ksps, Serial Output ADC Family
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com