Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS1222 Datasheet(PDF) 14 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1222
Description  12-Bit, 200ksps, Serial Output ADC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1222 Datasheet(HTML) 14 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS1222 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Datasheet
ZADCS1282/1242/1222 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
14/21
SW
IN
ACQ
S
R
C
9
t
R
-
´
£
For example, if fSCLK = 3.2MHz, the acquisition time is
tACQ = 781.25ns. Thus the output impedance of the signal
source RS must be less than
1.34kΩ
kΩ
3
20pF
9
781.25ns
RS
=
-
´
£
If the output impedance of the source is higher than the
calculated maximum RS the acquisition time must be
extended by reducing fSCLK to ensure 12 bit accuracy.
Another option is to add a capacitor of >20 nF to the
individual input. Although this limits the bandwidth of the
input signal because an RC low pass filter is build to-
gether with the source impedance, it may be useful for
certain applications.
The small-signal bandwidth of the input tracking circuitry
is 3.8 MHz. Hence it is possible to digitize high-speed
transient events and periodic signals with frequencies
exceeding the ADC’s sampling rate. This allows the ap-
plication of certain under-sampling techniques like down
conversion of modulated high frequency signals.
Be aware that under-sampling techniques still require a
bandwidth limitation of the input signal to less than the
Nyquist frequency of the converter to avoid aliasing ef-
fects. Also, the output impedance of the input source
must be very low to achieve the mentioned small signal
bandwidth in the overall system.
2.3
Internal & External Reference
ZADCS12x2V family members are equipped with a highly
accurate internal 2.5V reference voltage source. The
voltage is generated from a trimmed 1.25V bandgap with
an internal buffer that is set to a gain of 2.00. The band-
gap voltage is supplied at VREFADJ with an output im-
pedance of 20kΩ. An external capacitor of 47nF at VRE-
FADJ is useful to further decrease noise on the internal
reference.
The VREFADJ pin also provides an opportunity to exter-
nally adjust the bandgap voltage in a limited range (see
Figure 10) as well as the possibility to overdrive the inter-
nal bandgap with an external 1.25V reference.
The internal bandgap reference and the VREF buffer can
be shut down completely by setting VREFADJ to VDD.
This reduces power consumption of the ZADCS12x2V
devices and allows the supply of an external reference at
VREF.
Basic ZADCS12x2 devices do not contain the internal
bandgap or the VREF buffer. An external reference must
be supplied all the time at VREF.
The value of the reference voltage at VREF sets the input
range of the converter and the analog voltage weight of
each digital code. The size of the LSB (least significant
bit) is equal to the value of VREF (reference to AGND)
divided by 4096. For example at a reference voltage of
2.500V, the voltage level of a LSB is equal to 610µV.
It is important to know that certain inherent errors in the
A/D converter, like offset or gain error, will appear to
increase at lower reference voltages while the actual
performance of the device does not change. For instance
a static offset error of 1.22mV is equal to 2 LSB at 2.5V
reference, while it is equivalent to 5.0 LSB for a reference
voltage of 1.0V
Likewise, the uncertainty of the digitized output code will
increase with lower LSB size (lower VREF). Once the
size of an LSB is below the internal noise level, the output
code will start to vary around a mean value for constant
DC input voltages. Such noise can be reduced by averag-
ing consecutive conversions or applying a digital filter.
The average current consumption at VREF depends on
the value of VREF and the sampling frequency. Two
effects contribute to the current at VREF, a resistive con-
nection from VREF to AGND and charge currents that
result from the switching and recharging of the capacitor
array (CDAC) during sampling and conversion.
For an external reference of 2.5V the input current at
VREF is approximately 100µA.
2.4
Digital Interface
All devices out of the ZADCS12x2 family are controlled
by a 4-wire serial interface that is compatible to SPI™,
QSPI™ and
MICROWIRE™ devices without external
logic.
Any conversion is started by sending a control byte into
DIN while nCS is low. A typical sequence is shown in
Figure 11.
The control byte defines the input channel(s), unipolar or
bipolar operation and output coding, single-ended or
differential input configuration, external or internal con-
version clock and the kind of power down that is activated
after the completion of a conversion. A detailed descrip-
tion of the control bits can be obtained from Table 7.
As it can also be seen in Figure 11 the acquisition of the
input signal occurs at the end of the control byte for 2.5
clock cycles. Outside this range, the Track & Hold is in
hold mode.
The conversion process is started, with the falling clock
edge (SCLK) of the eighth bit in the control byte. It takes
twelve clock cycles to complete the conversion and one
additional cycle to shift out the last bit of the conversion
result. During the remaining three clock cycles the output
is filled with zeros in 24-Clock Conversion Mode.
Depending on what clock mode was selected, either the
external SPI clock or an internal clock is used to drive the
successive approximation. Figure 12 shows the Timing
for Internal Clock Mode.
VREFADJ
ZADCS12x2V
510kΩ
VDD = +2.7V … +5.25V
Figure 10: Reference Adjust Circuit
47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com