Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM0802C Datasheet(PDF) 13 Page - ZETTLER Electronics

Part # ACM0802C
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM0802C Datasheet(HTML) 13 Page - ZETTLER Electronics

Back Button ACM0802C Datasheet HTML 5Page - ZETTLER Electronics ACM0802C Datasheet HTML 6Page - ZETTLER Electronics ACM0802C Datasheet HTML 7Page - ZETTLER Electronics ACM0802C Datasheet HTML 8Page - ZETTLER Electronics ACM0802C Datasheet HTML 9Page - ZETTLER Electronics ACM0802C Datasheet HTML 10Page - ZETTLER Electronics ACM0802C Datasheet HTML 11Page - ZETTLER Electronics ACM0802C Datasheet HTML 12Page - ZETTLER Electronics ACM0802C Datasheet HTML 13Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ACM0802C SERIES CHARACTER MODULE VER1.2
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
12
f)
Soldering
Solder only to the I/O terminals.Use only soldering irons with proper grounding and no leakage.
Soldering temperature : 280°C ± 10°C
Soldering time: 3 to 4 sec.
Use eutectic solder with resin flux fill.
If flux is used, the LCD surface should be covered to avoid flux spatters. Flux residue should be removed
afterwards.
g)
Others
The laminator (protective film) is attached on the surface of LCD panel to prevent it from scratches or stains. It should
be peeled off slowly using static eliminator.
Static eliminator should also be installed to the workbench to prevent LCD module from static charge.
10. Operation
a)
Driving voltage should be kept within specified range; excess voltage shortens display life.
b)
Response time increases with decrease in temperature.
c)
Display may turn black or dark blue at temperatures above its operational range; this is (however not
pressing on the viewing area) may cause the segments to appear “fractured”.
d)
Mechanical disturbance during operation (such as pressing on the viewing area) may cause the
segments to appear “fractured”.
11. If any fluid leaks out of a damaged glass cell, wash off any human part that comes into contact with soap and
water. The toxicity is extremely low but caution should be exercised at all the time.
12. Disassembling the LCD module can cause permanent damage and it should be strictly avoided.
13. LCD retains the display pattern when it is applied for long time (Image retention). To prevent image retention,
do not apply the fixed pattern for a long time. Image retention is not a deterioration of LCD. It will be removed
after display pattern is changed.
14. Do not use any materials, which emit gas from epoxy resin (hardener for amine) and silicone adhesive agent
(dealcohol or deoxym) to prevent discoloration of polarizer due to gas.
15. Avoid the exposure of the module to the direct sunlight or strong ultraviolet light for a long time.
The brightness of LCD module may be affected by the routing of CCFL cables due to leakage to the chassis
through coupling effect. The inverter circuit needs to be designed taking the level of leakage current into
consideration. Thorough evaluation is needed for LCD module and inverter built into its host equipment to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com