Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM0802C Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # ACM0802C
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM0802C Datasheet(HTML) 2 Page - ZETTLER Electronics

  ACM0802C Datasheet HTML 1Page - ZETTLER Electronics ACM0802C Datasheet HTML 2Page - ZETTLER Electronics ACM0802C Datasheet HTML 3Page - ZETTLER Electronics ACM0802C Datasheet HTML 4Page - ZETTLER Electronics ACM0802C Datasheet HTML 5Page - ZETTLER Electronics ACM0802C Datasheet HTML 6Page - ZETTLER Electronics ACM0802C Datasheet HTML 7Page - ZETTLER Electronics ACM0802C Datasheet HTML 8Page - ZETTLER Electronics ACM0802C Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACM0802C SERIES CHARACTER MODULE VER1.2
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
1
REVISION RECORD
REVISION
REVISION DATE
PAGE
CONTENTS
VER1.1
VER1.2
15/6-2006
09/11-2006
7
11,12
MODIFY THE COVER,ADD CONTENT AND REVISION
RECORD
THE PITCH OF LUG OF BEZEL MODIFIED FROM 32.6MM
TO 27.6MM,THE COUNTERPART PCB WILL BE
ACM0802C VER3
ADD PRECAUTION FOR USING LCM
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com