Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS646 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS646 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS646 Datasheet HTML 1Page - Texas Instruments SN74AS646 Datasheet HTML 2Page - Texas Instruments SN74AS646 Datasheet HTML 3Page - Texas Instruments SN74AS646 Datasheet HTML 4Page - Texas Instruments SN74AS646 Datasheet HTML 5Page - Texas Instruments SN74AS646 Datasheet HTML 6Page - Texas Instruments SN74AS646 Datasheet HTML 7Page - Texas Instruments SN74AS646 Datasheet HTML 8Page - Texas Instruments SN74AS646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
5
6
7
8
9
10
11
25
24
23
22
21
20
19
43
2 1 28
12 13 14 15 16
OE
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
17 18
27 26
NC – No internal connection
CLKAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SN54ALS646, SN54ALS648, SN54AS646 . . . JT PACKAGE
SN74ALS646A, SN74ALS648A, SN74AS646,
SN74AS648 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54ALS646, SN54ALS648, SN54AS646 . . . FK PACKAGE
(TOP VIEW)
SN54ALS646, SN54ALS648, SN54AS646
SN74ALS646A, SN74ALS648A, SN74AS646, SN74AS648
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS039F – DECEMBER 1983 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Independent Registers for A and B Buses
• Multiplexed Real-Time and Stored Data
• Choice of True or Inverting Data Paths
• Choice of 3-State or Open-Collector
Outputs
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
DEVICE
OUTPUT
LOGIC
SN54ALS646, SN74ALS646A,
′AS646
3 state
True
SN54ALS648, SN74ALS648A, SN74AS648
3 state
Inverting
description
These devices consist of bus-transceiver circuits
with 3-state or open-collector outputs, D-type
flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Data on the A or B bus is clocked into the registers
on the low-to-high transition of the appropriate
clock
(CLKAB
or
CLKBA)
input. Figure 1
illustrates the four fundamental bus-management
functions that can be performed with the octal bus
transceivers and registers.
Output-enable (OE) and direction-control (DIR)
inputs control the transceiver functions. In the
transceiver mode, data present at the high-
impedance port may be stored in either or both
registers.
The select-control (SAB and SBA) inputs can
multiplex stored and real-time (transparent mode)
data. The circuitry used for select control eliminates the typical decoding glitch that occurs in a multiplexer during
the transition between stored and real-time data. DIR determines which bus receives data when OE is low. In
the isolation mode (OE high), A data may be stored in one register and /or B data may be stored in the other
register.
When an output function is disabled, the input function is still enabled and can be used to store and transmit
data. Only one of the two buses, A or B, may be driven at a time.
The -1 version of the SN74ALS646A is identical to the standard version, except that the recommended
maximum IOL in the -1 version is increased to 48 mA. There are no -1 versions of the SN54ALS646,
SN54ALS648, or SN74ALS648A.
The SN54ALS646, SN54ALS648, and SN54AS646 are characterized for operation over the full military
temperature range of – 55
°C to 125°C. The SN74ALS646A, SN74ALS648A, SN74AS646, and SN74AS648 are
characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS646 TI1-SN74AS646 Datasheet
1,002Kb / 27P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS646 TI2-SN74AS646 Datasheet
462Kb / 25P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED JANUARY 1995
SN74AS646DW TI1-SN74AS646DW Datasheet
1,002Kb / 27P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS646DW TI2-SN74AS646DW Datasheet
462Kb / 25P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED JANUARY 1995
SN74AS646DW.A TI2-SN74AS646DW.A Datasheet
462Kb / 25P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED JANUARY 1995
More results

Similar Description - SN74AS646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com