Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS646 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS646 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74AS646 Datasheet HTML 9Page - Texas Instruments SN74AS646 Datasheet HTML 10Page - Texas Instruments SN74AS646 Datasheet HTML 11Page - Texas Instruments SN74AS646 Datasheet HTML 12Page - Texas Instruments SN74AS646 Datasheet HTML 13Page - Texas Instruments SN74AS646 Datasheet HTML 14Page - Texas Instruments SN74AS646 Datasheet HTML 15Page - Texas Instruments SN74AS646 Datasheet HTML 16Page - Texas Instruments SN74AS646 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SN54ALS646, SN54ALS648, SN54AS646
SN74ALS646A, SN74ALS648A, SN74AS646, SN74AS648
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS039F – DECEMBER 1983 – REVISED JANUARY 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS646
SN74AS646
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 12 mA
2
V
IOH = – 15 mA
2
VOL
VCC =4 5V
IOL = 32 mA
0.25
0.5
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.35
0.5
V
II
Control inputs
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
II
A or B ports
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
I
Control inputs
V5 5 V
V2 7 V
20
20
A
IIH
A or B ports‡
VCC = 5.5 V,
VI = 2.7 V
70
70
µA
I
Control input
V5 5 V
V0 4 V
– 0.5
– 0.5
mA
IIL
A or B ports‡
VCC = 5.5 V,
VI = 0.4 V
– 0.75
– 0.75
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
Outputs high
120
195
120
195
ICC
VCC = 5.5 V
Outputs low
130
211
130
211
mA
Outputs disabled
130
211
130
211
† All typical values are at VCC = 5 V, TA = 25 °C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com