Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5621 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GM5621
Description  Dual input LCD controller for entry level applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GM5621 Datasheet(HTML) 1 Page - STMicroelectronics

  GM5621 Datasheet HTML 1Page - STMicroelectronics GM5621 Datasheet HTML 2Page - STMicroelectronics GM5621 Datasheet HTML 3Page - STMicroelectronics GM5621 Datasheet HTML 4Page - STMicroelectronics GM5621 Datasheet HTML 5Page - STMicroelectronics GM5621 Datasheet HTML 6Page - STMicroelectronics GM5621 Datasheet HTML 7Page - STMicroelectronics GM5621 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2008
Rev 1
1/8
8
GM5621, GM5626, GM2621
Dual input LCD controller for entry level applications
Features
■ Zoom (from VGA) and shrink (from UXGA)
scaling
■ Triple-channel (8-bit) ADC and PLL
■ Ultra-Reliable DVI® receiver (165 MHz)—
DVI 1.0-compliant
■ Dual channel RSDS transmitter and TCON
(GM5626 only)
■ Dual channel LVDS transmitter
■ Intel x86 compatible microcontroller with
external SPI ROM interface
■ Versatile OSD engine meets PC OEM specs
■ All system clocks synthesized from a single
external crystal
■ Digital color controls and sRGB compliant
■ 10-bit panel gamma correction and high quality
dithering for 8-bit and 6-bit panel interface
■ DDC controller for host interface purposes
■ Low bandwidth ADC for keypad interface and
cable detection
■ Two Pulse Width Modulation (PWM) signals for
backlight and volume control
■ Internal test pattern generator for factory test
purposes
■ Energy Spectrum Management® (ESM®)
■ Instant Auto™ Image Adjustment
Application
■ Mainstream analog and dual-input
XGA/SXGA/WXGA LCD monitors
Test
Pattern
Generator
SPI
Controller
MCU
PLL
LBADC
Reset Circuit
ESM
LVDS
or
RSDS
Panel
VGA
DVI
HDCP
DVI Rx
DDC2Bi
CSYNC/
SOG
Schmitt
3x ADC
DDC2Bi
Serial Flash/
NVRAM
Crystal
Keypad
www.st.com


Similar Part No. - GM5621

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GM562K MALLORY-GM562K Datasheet
469Kb / 3P
General Purpose Disc Ceramic Capacitors
GM562K MALLORY-GM562K Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GM5621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
FLI8541H STMICROELECTRONICS-FLI8541H Datasheet
131Kb / 7P
Entry level LCD TV controller with HDMI
05-Sep-2008
STDP6026 STMICROELECTRONICS-STDP6026 Datasheet
83Kb / 7P
Triple input LCD controller for WSXGA and WUXGA applications
01-Dec-2009
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
Entry level PMIC for applications requiring up to 6 A
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
Entry level PMIC for applications requiring up to 8.5 A
logo
NEC
E425 NEC-E425 Datasheet
699Kb / 2P
NEC LCD 42 Entry Level Large Format Display
E585 NEC-E585 Datasheet
709Kb / 2P
NEC LCD 58 Entry Level Large Format Display
E705 NEC-E705 Datasheet
967Kb / 2P
NEC LCD 70 Entry Level Large Format Display
E805 NEC-E805 Datasheet
967Kb / 2P
NEC LCD 80 Entry Level Large Format Display
E905 NEC-E905 Datasheet
967Kb / 2P
NEC LCD 90 Entry Level Large Format Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com