Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5621 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GM5621
Description  Dual input LCD controller for entry level applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GM5621 Datasheet(HTML) 4 Page - STMicroelectronics

  GM5621 Datasheet HTML 1Page - STMicroelectronics GM5621 Datasheet HTML 2Page - STMicroelectronics GM5621 Datasheet HTML 3Page - STMicroelectronics GM5621 Datasheet HTML 4Page - STMicroelectronics GM5621 Datasheet HTML 5Page - STMicroelectronics GM5621 Datasheet HTML 6Page - STMicroelectronics GM5621 Datasheet HTML 7Page - STMicroelectronics GM5621 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Feature attributes
GM5621, GM5626, GM2621
4/8
2
Feature attributes
●
Analog RGB input
–
Supports up to SXGA/WXGA 75 Hz/UXGA 60 Hz
–
Composite-sync and Sync-on-Green (SOG) support
–
Input format detection and auto-alignment
–
Phase clock and image positioning
●
Instant Auto image adjustment
–
Faster and more accurate than current conventional methods
–
Auto-adjusts full width and partial width images
–
Auto-adjusts DOS screens and moving images, such as screen savers and motion
pictures
●
Ultra-reliable DVI input (GM5621/5626)
–
Operating speed 165 MHz (up to UXGA 60 Hz)
–
Direct connect to all DVI-compliant digital transmitters
–
High-bandwidth Digital Content Protection (HDCP)
●
Intelligent Image Processing™
–
Programmable coefficients for user sharpness control
–
Real Recovery™ function provides full color recovery image for refresh rates
higher than those supported by the LCD panel
●
On-chip microcontroller
–
High-performance x86 MCU with on-chip RAM and ROM
–
Unified memory architecture simplifies chip programming
–
Five general-purpose outputs (GPO)
–
UART link for ISP and factory setting purpose
–
Two DDC2Bi with DMA buffer to internal RAM
–
Slow clock mode for 50mW sleep mode power consumption
–
JTAG support for firmware debugging
●
On-chip OSD controller
–
On-chip RAM for high-quality programmable menus
–
1, 2, and 4-bit per pixel character cells
–
Horizontal and vertical stretch of OSD menus
–
Blinking, transparency and blending
–
Supports two independent OSD menu rectangles
–
Proportional fonts
●
LVDS transmitters
–
Double pixel up to SXGA/WXGA 75 Hz output
–
Support for 8/6-bit panels (with high-quality dithering)
–
Pin swap, odd or even swap and red or blue group swap of RGB outputs for
flexibility in board layout
–
Programmable signal amplitude



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com