Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B772 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # B772
Description  PNP Type Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

B772 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  B772 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH B772 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-Jun-2004 Rev. B
Page 1 of 2
01
Elektronische Bauelemente
B772
PNP Type
TO-126
Features
* Low speed switching
Plastic Encapsulate Transistors
MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol
meter
Para
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current –Continuous
-3
A
PC
Collector Dissipation
1.25
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
C
o
C
o
C
o
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100μA ,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10 mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100 μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB= -40 V , IE=0
-1
μ
A
Collector cut-off current
ICEO
VCE=-30 V , IB=0
-10
μ
A
Emitter cut-off current
IEBO
VEB=-6V ,
IC=0
-1
μ
A
hFE(1)
VCE= -2V, IC= -1A
60
400
DC current gain
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.5
V
Transition frequency
f T
VCE= -5V, IC=-0.1A
f = 10MHz
80
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
0.76±0.1
Dimensions in Millimeters
7.6±0.2
1: Emitter
2: Collector
3: Base
4.0±0.1
10.8±0.2
2.2±0.1
15.5±0.2
1.27±0.1
2.29 Typ.
4.58±0.1
0.5±0.1
1.3±0.2
2.7±0.2
3.1± 0.1
O
1
2
3


Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results

Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SB649 SECOS-2SB649 Datasheet
258Kb / 2P
PNP Type Plastic Encapsulate Transistors
2SB772 SECOS-2SB772 Datasheet
368Kb / 2P
PNP Type Plastic Encapsulate Transistors
BC636 SECOS-BC636 Datasheet
221Kb / 2P
PNP Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
CZD772 SECOS-CZD772 Datasheet
295Kb / 3P
PNP Type Plastic Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com