Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B772 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # B772
Description  PNP Type Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

B772 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  B772 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH B772 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
Page 2of 2
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
B772
PNP Type
Plastic Encapsulate Transistors
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
-4
-8
-12
-16
-20
-0.4
-0.8
-1.2
-1.6
-2.0
I
B = -2mA
I
B = -10mA
I
B = -5mA
I
B = -3mA
I
B = -8mA
I
B = -9mA
I
B = -6mA
I
B = -1mA
I
B = -7mA
I
B = -4mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-1
-10
-100
-1000
-10000
1
10
100
1000
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-10000
-1
-10
-100
-1000
-10000
VCE(sat)
VBE(sat)
IC = 10· IB
IC[mA], COLLECTOR CURRENT
-1
-10
-100
1
10
100
1000
I
E = 0
f=1MHz
V
CB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
1
10
100
1000
VCE=5V
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
I
C MAX(DC)
I
C MAX(Pulse)
10ms
1m
s
s/b Li
mite
d
Dissipa
tion
Limite
d
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-Jun-2004 Rev. B
01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com