Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3020R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP3020R
Description  30.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP3020R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP3020R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP3020R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SP3020
R THRU SP30100R
VOLTAGE 20V ~ 100V
30.0AMP Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 15.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
30
0.15
100
UNITS
700
20
20
20
SP3020R
30
30
30
SP3030R
40
40
40
SP3040R
60
60
SP3060R
60
80
80
SP3080R
80
100
100
SP30100R
100
280
230
0.65
0.52
0.80
460
280
3.5
V
V
A
A
V
mA
mA
pF
V
Typical Thermal Resistance RθJC (Note 2)
-50
+1
50
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Ta=25 C
01-Jun-2002 Rev. A
Page 1 of 2
0.2
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
2.54
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP3020R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3022 LITTELFUSE-SP3022 Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01ETG LITTELFUSE-SP3022-01ETG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01WTG LITTELFUSE-SP3022-01WTG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
More results

Similar Description - SP3020R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30200 SECOS-SR30200 Datasheet
209Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_10 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF_10 Datasheet
594Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_09 Datasheet
396Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com