Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2146 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2146
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2146 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSC2146 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSC2146
600mA CMOS
Positive Voltage Regulator
* Factory Pre-set Output Fold-Back
Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* Noise Reduction Bypass Capacitor
* Short Circuit Current Fold-back
* Guaranteed 600mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Instrumentation
* Highly Accurate
1.5%
* Cordless Phones
* Electronic Scales
The SSC2146 is stable with an output capacitance of 2.2µF
The SSC2146 series of positive,linear regulators feature low quiescent
current (30µA typ.) with low dropout voltage, making them ideal for
battery applications. The space-saving SOP-8 package is attractive
for "Pocket" and "Hand Held" applications. These rugged devices have
both Thermal Shutdown and Current Fold-back to prevent device failure
under the "Worst" of operating conditions. In applications requiring a
low noise, regulated supply, place a 1000pF capacitor between Bypass
and ground.
or greater.
Description
01-Jun-2002 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Functional Block Diagram
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Millimeter
Millimeter
SSC2146
±


Similar Part No. - SSC2146

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
SeCoS Halbleitertechnol...
SSC2117 SECOS-SSC2117 Datasheet
1Mb / 7P
Positive Voltage Regulator
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
SSC2127 SECOS-SSC2127 Datasheet
1Mb / 6P
Positive Voltage Regulator
SSC2128 SECOS-SSC2128 Datasheet
1Mb / 6P
CMOS Low Dropout Voltage Regulat or
More results

Similar Description - SSC2146

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com