Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2146 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2146
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2146 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSC2146 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2146 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Detailed Description
The SSC2146 series of COMS regulators contain a PMOS pass transistor,voltage reference, error amplifier,over-current protection and
thermal shutdown.The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection
circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal
shutdown circuits become active when the junction temperature exceeds 150 C, or the current exceeds 600mA. During thermal shutdown
, the output voltage remains low. Normal operation is restored when the junction temperature drops below 120 C. The SSC2146 switches
from voltage mode to current mode when the load exceeds the rated output current. This prevents over-stress. The SSC2146 also
incorporates current fold-back to reduce power dissipation when the output is short circuited. The feature becomes active when the
output drops below 0.8 V, and reduces the current flow by 65%. Full current is restored when the voltage exceeds 0.8 V.
o
External Capacitors
The SSC2146 is stable with an output capacitance to ground of 2.2uF or greater. Ceramic capacitors have the lowest ESR, and will offer
the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1uF ceramic capacitor with a 10uF
Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is recommended between the
input and ground to stabilize VIN.
The input capacitor should be at least 0.1uF to have a beneficial effect. A third capacitor can be
Enable
When EN pin is pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered down. In this state, the quiescent
current is less than 2uA. This pin behaves much like an electronic switch.
o
connected between the BY-PASS pin and GND. This capacitor can be a low cost Polyester Film variety between the value of
0.001~0.01uF. A large capacitor improves the AC ripple rejection,but also makes the output come up slowly. This "Soft" turn-on
is desirablein some applications to limit turn-on surges. All capacitors should be placed in close proximity to the pins. A "Quiet"
ground termination is desirable. This can be achieved with a "Star" connection.
Ordering Information(contd.)
SSC2146-15
6D182
XXXX
6D272
XXXX
6D2H2
XXXX
6D302
XXXX
6D332
XXXX
6D352
XXXX
6D372
XXXX
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
6D152
1.5V
2.5V
2.8V
2.9V
3.1V
3.4V
3.6V
3.8V
1.8V
2.7V
2.85V
3.0V
3.3V
3.5V
3.7V
XXXX
6D252
XXXX
6D282
XXXX
6D292
XXXX
6D312
XXXX
6D342
XXXX
6D362
XXXX
6D382
XXXX
SSC2146-25
SSC2146-28
SSC2146-29
SSC2146-31
SSC2146-34
SSC2146-36
SSC2146-38
SSC2146-18
SSC2146-27
SSC2146-2H
SSC2146-30
SSC2146-33
SSC2146-35
SSC2146-37
SSC2146
600mA CMOS
Positive Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com