Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1332E Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1332E
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1332E Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF1332E Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1332E Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1332E Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1332E Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSF1332E
0.6
A, 20V,RDS(ON) 600m
N-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS@4.5V
Continuous Drain Current, VGS@4.5V
Pulsed Drain Current
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3
mA
V
V
A
mA
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
20
±6
2.5
600
470
0.35
0.003
-55~+150
360
Dim
Min
Max
A
1.80
2.20
B
1.15
1.35
C
0.80
1.00
D
0.25
0.40
G
1.20
1.40
H
0.00
0.10
J
0.10
0.25
K
0.35
0.50
L
0.59
0.72
S
1.80
2.40
All Dimension in mm
SOT-323
o
o
o
C
o
C
o
C
o
3
3
1,2
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Ω
Description
The SSF1332E provide the designer with the best
Combination of fast switching, low on-resistance
Features
* Simple gate drive
* Small package outline
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Gate
Source
Drain
D
G
S
and cost-effectiveness.
Marking : 1332
* 2KV ESD rating (Per MIL-STD-883D)
01-Jun-2002 Rev. A
Page 1 of
4
RoHS Compliant Product


Similar Part No. - SSF1332E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF1331P SECOS-SSF1331P Datasheet
399Kb / 4P
P-Channel MOSFET
More results

Similar Description - SSF1332E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com