Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT2602 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT2602
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT2602 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT2602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT2602
6.3A, 20V,RDS(ON) 34m
N-Channel Enhancement Mode Power Mos.FET
The S
RoHS Compliant Product
TT2602 utiltzed advance processing techniques to achieve the lowest
Ω
Description
possible on-resistance, extermely efficient and cost-effectiveness device.
Features
* Low On-Resistance
* Capable of 2.5V Gate Drive
The STT2602 is universally used for all commercial-industrial applications.
01-Jun-2002 Rev. A
Page 1 of 4
D
D
G
D
D
S
260 2
Date Code
1
5
2
3
4
6
G
D
S
Drain-Source Voltage
W/ C
C
o
o
A
W
0.016
30
6.3
5
2
-55~+150
Linear Derating Factor
Operating Junction and Storage Temperature Range
Tj, Tstg
Continuous Drain Current,VGS@4.5V
Continuous Drain Current,VGS@4.5V
Pulsed Drain Current
Total Power Dissipation
ID@TC=70
ID@TC=25
IDM
PD@TC=25
1,2
C
o
C
o
C
o
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-case
/W
C
Rthj-c
62.5
Max.
o
Gate-Source Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
A
VDS
VGS
20
± 12
3
3
3
Absolute Maximum Ratings
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 MAX.
L
0.45 REF.
A1
0
0.10
L1
0.60 REF.
A2
0.70
1.00
0°
10°
c
0.12 REF.
b
0.30
0.50
D
2.70
3.10
e
0.95 REF.
E
2.60
3.00
e1
1.90 REF.
E1
1.40
1.80


Similar Part No. - STT2602

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT2602 VBSEMI-STT2602 Datasheet
481Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - STT2602

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com