Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT2602 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT2602
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT2602 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT2602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT2602 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
≦
≦
01-Jun-2002 Rev. A
Page
2 of 4
3.Surface mounted on 1 in2 copper pad of FR4 board; 156OC/W when mounted on Min. copper pad.
Elektronische Bauelemente
STT2602
6.3A, 20V,RDS(ON) 34m
N-Channel Enhancement Mode Power Mos.FET
Ω
Electrical Characteristics( Tj=25 C Unless otherwise specified)
o
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Reverse Recovery Time
Trr
_
Reverse Recovery Change
_
Qrr
nC
nS
16.8
11
VSD
_
_
IS=1.2A, VGS=0V.
V
1.2
2
_
_
IS=5A, VGS=0V.
dl/dt=100A/us
8.7
1.5
3.6
6
14
18.4
2.8
144
111
nC
nS
pF
VGS=0V
VDS=15V
f=1.0MHz
VDD=15V
ID=1A
VGS=10V
RG=2
RD=15
Ω
Ω
ID=5.3A
VDS=10V
VGS= 4.5V
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
20
0.1
0.5
100
1
10
30
34
±
V
V/
Reference to 25C, ID=1m
o
oC
V
nA
uA
uA
m
13
Ω
VGS=10V, ID=5.5A
VGS=4.5V, ID=5.3A
VGS=0V, ID=250uA
VGS= 12V
±
VDS=20V,VGS=0
VDS=16V,VGS=0
VDS=VGS, ID=250uA
_
_
_
_
_
_
_
_
_
_
_
_
_
S
VDS=5V, ID=5.3A
_
_
_
_
603
16
1085
A
Total Gate Charge
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
IDSS
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current(Tj=55 )
VGS(th)
IGSS
Forward Transconductance
Gfs
oC
oC
2
2
Source-Drain Diode
RDS(ON)
2
2
_
50
_
_
90
_
_
VGS=2.5V, ID=2.6A
VGS=1.8V, ID=1.0A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com