Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT2622 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # STT2622
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT2622 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  STT2622 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT2622 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT2622 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT2622 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
STT2622
520mA, 50V,RDS(ON) 1.8
N-Channel Enhancement Mode Power Mos.FET
Ω
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
4 of 4
Fig 9. Maximum Safe Operating Area Fig 10. Effective Transient Thermal Impedance
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com