Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT6601 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6601
Description  N & P-Channel Enhancement Mode Mos.FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6601 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT6601 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
STT6601
(N-Ch) 2.8 A, 30 V, RDS(ON) 68 m
Ω
(P-Ch) -2.8 A, -30 V, RDS(ON) 120 m
Ω
N & P-Channel Enhancement Mode Mos.FET
01-June-2007 Rev. C
Page 1 of 6
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The STT6601 is the N and P Channel enhancement mode power FET produced using high cell-density, DMOS trench
technology. This high density process is especially tailored to minimize on-state resistance and provide superior switching
performance. These devices are particularly suited for low voltage applications such as notebook computer power management
and other battery-powered circuits where high-side switching, low in-line power loss and resistance to transients are needed.
FEATURES
N-Channel
30V/2.8A, RDS(ON) = 68mΩ@VGS = 10 V
30V/2.3A, RDS(ON) = 78mΩ@VGS = 4.5 V
30V/1.5A, RDS(ON) = 108mΩ@VGS = 2.5 V
P-Channel
-30V/-2.8A, RDS(ON) = 105mΩ@VGS = 10 V
-30V/-2.5A, RDS(ON) = 120mΩ@VGS = 4.5 V
-30V/-1.5A, RDS(ON) = 150mΩ@VGS = 2.5 V
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current capability
TSOP-6P package design
APPLICATIONS
Battery powered systems
Portable devices
Power management in NB
DC to DC converter, load switch, DSC,
LCD display inverter
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Ratings
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±12
±12
V
Continuous Drain Current (TJ=150℃)
ID @TA=25℃
ID @TA=70℃
2.8
2.3
-2.8
-2.1
A
Pulsed Drain Current
IDM
10
-8
A
PD @TA=25℃
1.15
Power Dissipation
PD @TA=70℃
0.75
W
Continuous Source Current (Diode Conduction)
IS
1.25
-1.4
A
50
52
Thermal Resistance- Junction to Ambient
T ≦ 10 sec
Steady State
R
θJA
90
90
℃
/W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 Max
L
0.45 Ref
A1
0
0.10
L1
0.60 Ref
A2
0.70
1.00
0°
10°
c
0.12 Ref
b
0.30
0.50
D
2.70
3.10
e
0.95 Ref
E
2.60
3.00
e1
1.90 Ref
E1
1.40
1.80
Week code: A~Z (1~26); a ~ z (27 ~ 52)


Similar Part No. - STT6601

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT6601 VBSEMI-STT6601 Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STT6601

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3520C SECOS-STT3520C Datasheet
591Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C_15 Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C_15 Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com