Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT6601 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6601
Description  N & P-Channel Enhancement Mode Mos.FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6601 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  STT6601 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Elektronische Bauelemente
STT6601
(N-Ch) 2.8 A, 30 V, RDS(ON) 68 m
Ω
(P-Ch) -2.8 A, -30 V, RDS(ON) 120 m
Ω
N & P-Channel Enhancement Mode Mos.FET
01-June-2007 Rev. C
Page 5 of 6
CHARACTERISTIC CURVES (N-Channel)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com