Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1003IST5X Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CLC1003IST5X
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003IST5X Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CLC1003IST5X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
7
Typical Performance Characteristics
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
-3dB Bandwidth vs. Output Voltage at VS = 3V
-3dB Bandwidth vs. Output Voltage
Frequency Response vs. VOUT at VS = 3V
Frequency Response vs. RL at VS = 3V
Non-Inverting Frequency Response at VS = 3V
Inverting Frequency Response at VS = 3V
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
G = 1
Rf = 0
G = 2
G = 5
G = 10
VOUT = 0.05Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
Frequency (MHz)
G = -1
G = -2
G = -5
G = -10
VOUT = 0.05Vpp
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
VOUT = 1Vpp
VOUT = 2Vpp
VOUT = 2.5Vpp
-6
-5
-4
-3
-2
-1
0
1
2
0.1
1
10
100
Frequency (MHz)
RL = 2.5KΩ
VOUT = 0.05Vpp
RL = 1KΩ
RL = 150Ω
RL = 50Ω
0
3
6
9
12
15
18
21
24
0.0
0.5
1.0
1.5
2.0
2.5
VOUT (VPP)
0
3
6
9
12
15
18
21
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (VPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com