Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1003IST5X Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC1003IST5X
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003IST5X Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC1003IST5X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1003IST5X Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
11
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
Input Offset Voltage vs. Temperature
Input Offset Voltage Distribution
Large Signal Pulse Response
Large Signal Pulse Response at VS = 3V
Small Signal Pulse Response
Small Signal Pulse Response at VS = 3V
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
0
0.5
1
1.5
2
Time (ns)
1.35
1.4
1.45
1.5
1.55
1.6
1.65
0
0.5
1
1.5
2
Time (ns)
-6
-4
-2
0
2
4
6
0
1
2
3
4
5
6
7
8
9
10
Time (ns)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
Time (ns)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
1000
2000
3000
4000
5000
Input Offset Voltage (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com