Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1605 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CLC1605
Description  Single and Triple, 1.5GHz Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1605 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CLC1605 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Electrical Characteristics at ±5V
TA = 25°C, Vs = ±5V, Rf = Rg =330Ω, RL = 150Ω to GND, G = 2; unless otherwise noted.
symbol
parameter
conditions
Min
typ
Max
units
Frequency Domain Response
UGBW
Unity Gain Bandwidth
G = +1, VOUT = 0.5Vpp, Rf = 499Ω
1500
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.5Vpp
1200
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
700
MHz
BW0.1dBSS
0.1dB Gain Flatness
G = +2, VOUT = 0.5Vpp
120
MHz
BW0.1dBLS
0.1dB Gain Flatness
G = +2, VOUT = 2Vpp
120
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
0.65
ns
tS
Settling Time to 0.1%
VOUT = 2V step
13
ns
OS
Overshoot
VOUT = 0.2V step
1
%
SR
Slew Rate
2V step
2500
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2Vpp, 5MHz
-73
dBc
HD3
3rd Harmonic Distortion
VOUT = 2Vpp, 5MHz
-85
dBc
THD
Total Harmonic Distortion
VOUT = 2Vpp, 5MHz
72
dB
DG
Differential Gain
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
%
DP
Differential Phase
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
°
IP3
Third Order Intercept
VOUT = 2Vpp, 10MHz
42
dBm
SFDR
Spurious Free Dynamic Range
VOUT = 1Vpp, 5MHz
73
dBc
en
Input Voltage Noise
> 1MHz
3.7
nV/√Hz
in
Input Current Noise
> 1MHz, Inverting
20
pA/√Hz
> 1MHz, Non-Inverting
30
pA/√Hz
XTALK
Crosstalk
Channel-to-channel 5MHz
60
dB
DC Performance
VIO
Input Offset Voltage (1)
-10
0
10
mV
dVIO
Average Drift
1.6
µV/°C
Ibn
Input Bias Current - Non-Inverting (1)
-40
19
40
µA
dIbn
Average Drift
7
nA/°C
Ibi
Input Bias Current - Inverting (1)
-35
6
35
µA
dIbi
Average Drift
20
nA/°C
PSRR
Power Supply Rejection Ratio (1)
DC
40
60
dB
IS
Supply Current (1)
per channel
12
18
mA
Disable Characteristics - CLC3605 only
TON
Turn On Time
35
ns
TOFF
Turn Off Time
410
ns
OFFIOS
Off Isolation
5MHz, VOUT = 2Vpp
75
dB
VOFF
Power Down Input Voltage
DIS pin, disabled if pin is pulled above VOFF
Disabled if DIS > 3V
V
VON
Enable Input Voltage
DIS pin, enabled if pin is grounded, left open
or pulled below VON
Enabled if DIS < 1V
V
ISD
Disable Supply Current (1)
per channel, DIS pin is pulled to VS
0.1
0.3
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
150
kΩ
Inverting
70
Ω
CIN
Input Capacitance
1.0
pF
CMIR
Common Mode Input Range
±4.0
V
CMRR
Common Mode Rejection Ratio (1)
DC
40
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com