Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1605 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC1605
Description  Single and Triple, 1.5GHz Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1605 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC1605 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = Rg =330Ω, RL = 150Ω to GND, G = 2; unless otherwise noted.
Closed Loop Output Impedance vs. Frequency
Input Voltage Noise
-3dB Bandwidth vs. VOUT
-3dB Bandwidth vs. VOUT at VS = 5V
Gain Flatness
Gain Flatness at VS = 5V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
RL = 150Ω
Rf = 330Ω
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
RL = 150Ω
Rf = 330Ω
200
400
600
800
1000
1200
1400
1600
1800
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (VPP)
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VOUT (VPP)
Frequency (Hz)
10K
100K
1M
10M
100M
0.01
0.1
1
10
VS = ±5.0V
Frequency (MHz)
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com