Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2005 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CLC2005
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CLC2005 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©2004-2009 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
Vs = 5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBW
-3dB Bandwidth(2)
G = +1, VOUT = 0.05Vpp
260
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
90
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
40
MHz
GBWP
Gain Bandwidth Product
90
MHz
Time Domain Response
tR, tF
Rise and Fall Time(2)
VOUT = 0.2V step
3.6
ns
tS
Settling Time to 0.1%
VOUT = 2V step
40
ns
OS
Overshoot
VOUT = 0.2V step
7
%
SR
Slew Rate
5V step, G = -1
145
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion(2)
2Vpp, 5MHz
71
dBc
HD3
3rd Harmonic Distortion(2)
2Vpp, 5MHz
78
dBc
2Vpp, 5MHz
70
dB
DG
Differential Gain
NTSC (3.85MHz), AC-Coupled, RL = 150Ω
0.06
%
NTSC (3.85MHz), DC-Coupled, RL = 150Ω
0.08
%
DP
Differential Phase
NTSC (3.85MHz), AC-Coupled, RL = 150Ω
0.07
°
NTSC (3.85MHz), DC-Coupled, RL = 150Ω
0.06
°
en
Input Voltage Noise
>1MHz
16
nV/√Hz
in
Input Current Noise
>1MHz
1.3
pA/√Hz
XTALK
Crosstalk(2)
10MHz
62
dB
DC Performance
VIO
Input Offset Voltage(1)
-8
1.4
+8
mV
dVIO
Average Drift
10
μV/°C
Ib
Input Bias Current(1)
-8
3
+8
μA
dIb
Average Drift
7
nA/°C
IIO
Input Offset Current(1)
-0.8
0.1
+0.8
μA
PSRR
Power Supply Rejection Ratio(1)
DC
52
57
dB
AOL
Open-Loop Gain(1)
68
78
dB
IS
Quiescent Current(1)
Per Amplifier
4.2
5.2
mA
Input Characteristics
RIN
Input Resistance
4.3
CIN
Input Capacitance
1.8
pF
CMIR
Common Mode Input Range
-0.3 to 3.8
V
CMRR
Common Mode Rejection Ratio(1)
DC, Vcm = 0V to Vs -1.5
72
87
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 10kΩ to Vs/2
0.027 to
4.97
V
RL = 2kΩ to Vs/2
0.036 to
4.953
V
RL = 150Ω to Vs/2(1)
0.3
0.12 to
4.8
4.625
V
IOUT
Output Current
±55
mA
-40°C to +85°C
±50
mA
ISC
Short-Circuit Output Current
±85
mA
Vs
Power Supply Operating Range
2.5
5
5.5
V
Notes:
1. 100% tested at 25°C.
2. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com