Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2005 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC2005
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC2005 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, Comlinear, and the Comlinear logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2007-2009 by CADEKA Microcircuits LLC. All rights reserved.
CADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
Data Sheet
Amplify the Human Experience
Mechanical Dimensions
SOIC-8 Package
θ2
H
E
CL
X
CL
e
Pin No. 1
B
A
A1
DETAIL-A
DETAIL-A
C
0.015±0.004 x 45°
Gauge Plane
Seating Plane
θ1
NOTE:
1. All dimensions are in inches.
2. Lead coplanarity should be 0" to 0.004" max.
3. Package surface finishing: VDI 24~27
4. All dimension excluding mold flashes.
5. The lead width, B to be determined at 0.0075"
from the lead tip.
SYMBOL
MIN
MAX
A
0.054
0.068
A1
0.004
0.0098
B
0.014
0.019
D
0.189
0.196
E
0.150
0.157
H
0.229
0.244
e
0.050 BSC
C
0.0075
0.0098
L
0.016
0.034
X
0.0215 Ref
θ1
θ2
7° BSC
SOIC-8
D
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com