Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W708 Datasheet(PDF) 1 Page - Lumins Inc.

Part # W708
Description  Post top mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W708 Datasheet(HTML) 1 Page - Lumins Inc.

  W708 Datasheet HTML 1Page - Lumins Inc. W708 Datasheet HTML 2Page - Lumins Inc. W708 Datasheet HTML 3Page - Lumins Inc. W708 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photometry
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Specification
ECLIPSE
Post top mount
Sept. 2006 Rev. Feb.2007
W708 . W712
3
1
2
4
5
6
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
The luminaire base assembly is built with a hinge
mechanism,allowing to tilt the top part of the luminaire to access the
electrical equipment. No tools required. The quick disconnect
ballast assembly is installed on a removable tray. The lamp is
accessible with a twist and lock action.
The ease of maintenance and lamp replacement concept will leave
the optical chamber free of finger prints and foreign particles,
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated porcelain medium base socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Min. .093” hard aluminum shade, with underside
white enamel to maximize light performance.
2- 1/2” dia. solid aluminum struts.
3- Clear U.V. protected high impact acrylic cylinder.
4- Cast Aluminum built-in hinge mechanism.
5- Cast Aluminum ballast housing with dissipation fins to maximize
heat dissipation and cool operation of ballast.
6- Cast Aluminum swing out housing,with safety cable retainer.
Push release button for quick access to electrical equipment.
(No tools required for maintenance.) Button may be locked for
limited access. (See option LB1)
7- Lower aluminum reflector/lamp support.
8- W708:White translucent acrylic light diffuser,
with a set of aluminum reinforcing ring supports.
9- W712: One piece solid aluminum perimeter light shield.
luminaire tilt
action.
Access
to lamp
Access
Ballast
Toll free: 888 .401 .6999
7
8
30”
29 3/4”
E.P.A: 1.24 sq./ft
Max. weight: 43 lbs..
Installation: Mounts over a 4” or 5"O.D. Pole.X 4”ø tenon.
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
480 V
MH (ED17)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Model#
Voltage
Mounting
Finish
Options
H.I.D.
Mounting & E.P.A.
Luminaires may be altered for design improvements or discontinued without prior notice.
Option
LB1
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Optional
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
ACA1
ACW1
EC3P
EC3W
Page
33
L U M I
I
N S
Accessories
LB1:
Release button lock
LF1:
Partially frosted
cylinder over lower
mid portion
H2:
House shield.
STS30:
Stainless steel shade.
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
W708 with white
translucent band
W712 with solid
aluminum light shield.
9
W708
W712
For options details and
specifications, please
refer to pages 41.42.43
W708 with white
translucent diffuser


Similar Part No. - W708

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W7000 PULSE-W7000 Datasheet
252Kb / 2P
NFC Planar Sheet Antenna with wire and connector
W7000 PULSE-W7000 Datasheet
595Kb / 4P
NFC Planar Sheet Antenna with wire and connector
W7000T0070 PULSE-W7000T0070 Datasheet
595Kb / 4P
NFC Planar Sheet Antenna with wire and connector
W7000T0080 PULSE-W7000T0080 Datasheet
595Kb / 4P
NFC Planar Sheet Antenna with wire and connector
W7000XXXX PULSE-W7000XXXX Datasheet
595Kb / 4P
NFC Planar Sheet Antenna with wire and connector
More results

Similar Description - W708

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W800 LUMINIS-W800 Datasheet
112Kb / 2P
Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
Post top mount
W820 LUMINIS-W820 Datasheet
110Kb / 2P
Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
Post top mount
W616 LUMINIS-W616 Datasheet
190Kb / 4P
Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
Post top mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com