Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W708 Datasheet(PDF) 2 Page - Lumins Inc.

Part # W708
Description  Post top mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W708 Datasheet(HTML) 2 Page - Lumins Inc.

  W708 Datasheet HTML 1Page - Lumins Inc. W708 Datasheet HTML 2Page - Lumins Inc. W708 Datasheet HTML 3Page - Lumins Inc. W708 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page
41
5/8” O.D. suspension stem.
STM60
60” lg.
STM80
80” lg.
For other factory cut to size length
add suffix -STM with desired
length to catalog# max.120”
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
ECLIPSE
Toll free: 888 .401 .6999
General notes:
Please specify selected option as a
suffix to luminaire model number.
ex: W614-M100-WHT-LB1
Each model is provided with a
listing of compatible options. Some
options may not be compatible
when used in the same luminaire.
Please check listings.
OPTIONAL ACCESSORIES
House side shield
Exterior white
enamel, and specular
aluminum inner
reflective surface.
The shield is inserted
and snaps inside the
diffuser.
360º on site rotation.
Option:
H2 For post top
luminaires
H1 For bollard mount
luminaires.
Light distribution control
Option:
R3
Option:
R4
Type III light
distribution
refractor
Type IV light
distribution
refractor
DL1 / DL2
Combination.
12V/50W MR16
Down light with integral
120/12V or 277/12V
electronic transformer.
other input voltages on
request.
Open sealed
top cover
allowing up-
lighting
Wall mount light options
Option: DL1
DL1-277
Option: DL2
Option: DLC
Suspension safety cable
Option: STC
Additional safety
cable, extended
12” beyond
canopy
18” Dia.
13 1/4”
Reflector disc
Aluminum oblong
reflector disc.
(Factory installed)
Applicable to
W632 & W640
Option: OS
For restricted access.
Locked push button.
Requires 8-32 hexagonal
key to release.
Push Release button lock
Option: LB1
PH1 -120V
PH2 - 277 / 347V
Light photo sensor
Photo electric sensor,
factory installed with the pole
or inside fixture when pole is
not required.
Option:
45º hang straight
ball swivel
for 5/8” dia.
suspension stem.
Option: SW45
Slope ceiling adaptor
Note:Other down light sources than shown with
option DL4 are available. Please consult factory.
50W / MR16 adjustable down light
Available with 120V power input. For other
voltages, please consult factory
Option: DL4
Adjustable down light (W780 series)
Emergency battery pack
EM42
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
Time: 90 Mnts -120/277V T 0º C
For 57w & 70w: Consult factory
Type III reflector
Type III Multifaceted
specular reflector.
(Single lamp only.)
Option: RF3 / RA3 / RL3 / PR3
Frosted lower
portion of
diffuser.
Semi frosted diffuser
Option: LF1
Lamp
base
26W
32W
42W
57W
70W
85W
120W
G24Xq3
G24Xq3
G24Xq4
G24Xq5
G24Xq6
2G8-1
2G8-1
39W
50W
70W
70W
100W
150W
150W
175W
T6/G12 M130
ED17
M110/M148
ED17
M198/M143
T6/G12 M139
ED17
M90/M140
ED17
M102/M142
T6/G12 M142
ED17
M57
ANSI
Code
Lamp
Watts
Lamps & ballast
compatibility
Compact Fluorescent
Metal halide
Lamp
base
Lamp
Watts
Quartz restrike standby lamp kit.
When power failure is restored, it will
energize temporary Quartz lamp with
progressive dimming until full H.I.D
light output is produced.
max.100w DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Quartz lamp restrike
Option: QRS
Quartz lamp restrike
Quartz lamp socket for external 120V
emergency power input.
Separate 120V dedicated wiring is included.
max.100 W DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Option: QS
L U M I
I
N S
Fuse
Option
FS
Ballast protection fuse
Available with H.I.D.
luminaires only
Note: FS option fuse is factory
calibrated and installed with
selected wattage.
Post mount luminaires:
FS installed with pole.
All other types:
FS is installed with luminaire.
Type IV reflector
Type IV
Forward throw
aluminum specular
reflector.(Single
lamp only.)
Suspension stem
Please refer to page 72 for
more details
Sept. 2006 Rev. Feb.2007
Luminaires may be altered for design improvements or discontinued without prior notice.
Option: RF4 / RA4 / RL4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com