Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH563 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # KH563
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH563 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button KH563 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA SHEET
KH563
8
REV. 1A January 2008
Figure 4: Voltage Gain Derivation
Note again that if Ri = 0 this expression would simplify
considerably. Also, if G were very large the voltage gain
expression would reduce to the familiar non-inverting op
amp gain equation. These two performance equations,
shown below, provide a means to derive the design equa-
tions for Rf and Rg given a desired no load gain and out-
put impedance.
Performance Equations
Design Equations
Equivalent Model
Given that the physical feedback and gain setting
resistors have been determined in accordance with the
design equations shown above, an equivalent model may
be created for the gain to the load where the
amplifier block is taken as a standard op amp. Figure 5
shows this analysis model and the resulting gain
equation to the load.
Figure 5: Equivalent Model
This model is used to generate the DC error and noise
performance equations. As with any equivalent model,
the primary intent is to match the external terminal
characteristics recognizing that the model distorts the
internal currents and voltages. In this case, the model
would incorrectly predict the output pin voltage swing for
a given swing at the load. But it does provide a simplified
means of getting to the external terminal characteristics.
External Compensation Capacitor (Cx)
As shown in the test circuit of Figure 1, the KH563 requires
an external compensation capacitor from the output to
pin 19. The recommended values described here assume
that a maximally flat frequency response into a matched
load is desired.
The required Cx varies widely with
the desired value of output impedance and to a lesser
degree on the desired gain.
Note from Figure 2, the
simplified internal schematic, that the actual total
compensation (Ct) is the series combination of Cx and
the internal 10pF from pin 19 to the compensation nodes.
The total compensation (Ct) is developed in two steps as
shown below.
recognize that [taking V positive]
VV
Gi
R
solving for V from two directions
V
V
iR
G 1 iR
solving for i
from this
i
V
G1 R
R
then
VV
VR
G1 R
R
and, substituting for V and i
in the original V expression
VV 1
GR
R
i
o
err
f
i
err
i
err
g
err
err
i
gi
i
ii
gi
err
o
oi
f
=+
=−
= +
()
= +
() +
=− +
() +
=+
−
−
−
−
−
−
ii
gi
f
g
v
o
i
f
g
i
f
i
g
v
f
g
i
G1 R
R
pulling an
R
R
out of the fraction
A
V
V
1
R
R
G
R
R
G1
R
R
note that A
1
R
R
G
G1
R0
+
() +


≡= +
−
++




=+
+
 
=
R
RR
R
R
G
R
R
A
R
R
G
R
R
G
R
R
o
f
i
f
g
i
g
v
f
g
i
f
i
g
=
++


++
=+
−
++




1
1
1
1
RG
R
A R
R
RR
A
f
ov
i
g
f
o
v
=+
() −
= −−
1
1
Rg
Vi
RL
Vo
Ro
Rf - Ro
Classical
op-amp
+
-
KH560 Fig 5
V
V
1
RR
R
R
RR
substituting in for R and R with their design
equation yields
V
V
A
R
RR
A (gain to load)
o
i
f
o
g
L
Lo
f
g
o
i
v
L
Lo
L
=+ −

 +
=
+ =
C
300
R
1
2.0
R
pF intermediate equation
C
C
1
0.02 C
pF total compensation
1
og
t
1
1
=−


= +()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com