Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH563 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # KH563
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH563 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button KH563 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DATA SHEET
KH563
12
REV. 1A January 2008
Figure 10: Thermal Model
Note that the Pt and Pq equations are written for positive
Vo. Absolute values of -VCC, Vo, and Io, should be used
for a negative going Vo. since we are only interested in
delta V’s. For bipolar swings, the two powers for each
output polarity are developed as shown above then
ratioed by the duty cycle. Having the total internal power,
as well as its component parts, the maximum junction
temperature may be computed as follows.
Tc = TA + (Pq + PT + Pcircult) •
θ
ca Case Temperature
θ
ca = 35°C/W for the KH563 with no heatsink in still air
Tj(t) =Tc + Pt • 20°C/W
output transistor junction temperature
Tj(q) = Tc + Pq • 200°C/W
hottest internal junction temperature
The Limiting Factor for Output Power is Maximum
Junction Temperature
Reducing
θ
ca
through
either
heatsinking
and/or
airflow can greatly reduce the junction temperatures.
One effective means of heatsinking the KH563 is to use
a thermally conductive pad under the part from the pack-
age bottom to a top surface ground plane on the compo-
nent side. Tests have shown a
θ
ca of 24°C in still air using
a “Sil Pad” available from Bergquist (800-347-4572).
As an example of calculating the maximum internal junc-
tion temperatures, consider the circuit of Figure 1 driving
±2.5V, 50% duty cycle, square wave into a 50
Ω
load.
Note that 1/2 of the total PT and Pa powers were used
here since the 50% duty cycle output splits the power
evenly between the two halves of the circuit whereas the
total powers were used to get case temperature.
Even with the output current internally limited to 250mA,
the KH563’s short circuiting capability is principally a
thermal issue. Generally, the KH563 can survive short
duration shorts to ground without any special effort. For
protection against shorts to the ±15 volt supply voltages,
it is very useful to reduce some of the voltage across the
output stage transistors by using some external output
resistance, Rx, as shown in Figure 9.
Evaluation Board
An evaluation board (part number 730019) for the KH563
is available.
R50 410 5
51 45.6
I 2.5V/ 45.6
eq
o
=
⋅
−

 =
=
()
Ω
Ω
Ω
Ω ==
=+
() +()

 =
54.9mA
I
54.9mA 54.9mA .06
T 12
22 668.1mA
P 68.1mA 15 2.5 0.7 15.3 68.1mA
T =− − −
⋅


Ω== 733mW
totalpower inboth sides of the output stagee
P 1 68.1mA 15 1.4 17.3 68.1mA 84.5
q =⋅
− −
⋅

=
0.
Ω
mmW
totalpower inboth sides of hottest junctions
prrior to output stage
P
1.3 15 2 68.1m
circuit =⋅
()⋅⋅ AA 54.9mA 19.2mA
733mW 169mW 1.058W
powe
−+


−−
=
rr in the remainder of circuit
With these powers and TT 25C and
35C/W
T 25 C .733 .169 1.05
Aca
c
=°
= °
=° +
+ +
θ
8835 94 C
case temperature
From this, the hott
()⋅= °
eest internal junctions may be found as
Tt 94 C
j
()=° ++ ()⋅= °
()=° +
12
j
12
.733 20 101 C output stage
Tq 94 C
..0845 200 102 C
hottest internal junction
()⋅= °
Rg
Vi
RL
Vo
Rx
Rf
KH560
+
-
KH560 Fig 9
Rs
R'o = Rx + Ro
Cx
Ro = R'o - Rx
With:
Ro = KH560 output impedance
and Ro + Rx = RL generally
Ambient
Temperature
θ
ca
200
°
C/W
20
°
C/W
Tj(t)
TA
Pt
Tj(q)
Pq
Pcircuit
Case Temperature
Tc
Case to Ambient
Termal Impedance
I V /R total output current
withR R RA
A
oo eq
eq L
fL
L
=
=
−−


=+
+
()

1 totalload
II I .06
t 12 oo2
2
=⋅ −
totalinternal output stage current
PI V
tt CC 11.4 17.3 I output stage power
P.1 I V
t
qt C
−⋅
()
=⋅ ⋅
Ω
0
CCo
t
V 0.7 15.3 I
power inhottest internal j
−− −
⋅
()
Ω
uunction
prior to output stage
P1.3 V
circuit
CC
=⋅ ⋅ 22 I I 19.2mA P P
power inremainder of ci
to
t q
⋅− +
()−−
rrcuit [note V | V |]
CC
CC
=−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com