Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH600 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # KH600
Description  1GHz, Differential Input/Output Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH600 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button KH600 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
KH600
DATA SHEET
REV. 2 January 2004
7
Application Information
General Description
Standard Operation:
+Vb1 = +Vb2 = +Vs = +5V;
-Vb = -Vs = -5V
The KH600 is a 1GHz differential input/output amplifier
constructed using Cadeka’s in-house thin film resistor/bipolar
transistor technology. A differential signal on the inputs of the
KH600 will generate a differential signal at the outputs. If a
single ended input signal is applied to IN1 and a fixed voltage
to IN2, the KH600 will produce both a differential and common-
mode output signal. To achieve the maximum dynamic range,
center the inputs halfway between +Vs and -Vs.
The KH600 includes 50
Ω resistors from each input to ground,
resulting in a differential input impedance of 100
Ω. Each
KH600 output has a 50
Ω resistance, synthesized by feedback,
providing a 100
Ω differential output impedance.
The KH600 has 3 bias voltage pins that can be used to:
• Adjust the supply current
• Trim the differential output offset voltage
• Adjust the common mode output offset voltage
over a ±3V range
If these adjustments are not required, short +Vb1 and +Vb2 to
+Vs and -Vb to -Vs as shown in Figure 2. Throughout this
data sheet, this configuration (+Vb1 = +Vb2 = +Vs = +5V and
-Vb = -Vs = -5V) is referred to as the Standard Operating
Condition. All of the plots in the Typical Performance section
and the specifications in the Electrical Characteristics table
utilize the basic circuit configuration shown in Figure 2,
unless otherwise indicated. Figure 3 illustrates the optional
circuit configuration, utilizing the bias voltage pins. Further
discussions regarding these optional adjustments are provided
later in this document.
Figure 2: Basic Circuit Configuration
Figure 3: Optional Circuit Configuration (including
optional supply current and offset adjust)
Gain
Differential Gain for the KH600 is defined as (OUT1– OUT2)/
(IN1–IN2). Applying identical (same phase) signals to both
inputs and measuring one output will provide the Common
Mode Gain. Figure 4 shows the differential and common
mode gains of the KH600. Figure 5 illustrates the response
of the KH600 outputs when one input is driven and the other
is terminated into 50
Ω.
Figure 4: Differential and Common Mode Gain
C6
0.01
µF
C8
0.01
µF
C4
0.01
µF
C1
0.01
µF
+Vs
-OUT
-IN
+OUT
+IN
U1
KH600
-Vb
-Vs
1
2
3
9
8
7
-Vs
-Vs
+Vs
+Vs
+Vs
GND
-Vs
-Vs
C10
6.8
µF
C9
6.8
µF
C5
0.01
µF
C6
6.8
µF
C8
0.01
µF
C13
0.01
µF
C1
0.01
µF
+Vs
-OUT
-IN
+OUT
+IN
U1
KH600
-Vb
-Vs
1
2
3
9
8
7
-Vs
+Vs
+Vs
+Vs
GND
GND
-Vs
-Vs
C10
6.8
µF
C9
6.8
µF
+Vb2
C14
6.8
µF
+
C4
0.01
µF
+
-Vb
C15
0.01
µF
30pF
C16
6.8
µF
+
+Vb1
30pF
20
5
0
-10
Frequency (Hz)
1M
100M
1G
10M
-5
10
Differential Gain
Common Mode Gain
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com